Selected language     English  ▼


CA3094 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. CA3094
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 5 page
background image
3-16
FIGURE 4. COMMON MODE RANGE AND REJECTION RATIO TEST CIRCUIT
FIGURE 5. 1/F NOISE TEST CIRCUIT
FIGURE 6. OPEN LOOP GAIN vs FREQUENCY TEST CIRCUIT
FIGURE 7. OPEN LOOP SLEW RATE vs IABC TEST CIRCUIT
FIGURE 8. SLEW RATE vs NON-INVERTING UNITY GAIN
TEST CIRCUIT
Test Circuits (Continued)
NOTES:
9.
.
10. Input Voltage Range for CMRR = 1V to 27V.
11.
.
CMRR
100
26V
×
E
2OUT
E
1OUT
--------------------------------------------
=
CMRR (dB)
20
100
26V
×
E
2OUT
E
1OUT
--------------------------------------------
log
=
CA3094
2
3
4
1
6
8
7
EOUT
9.9k
1k
100pF
10k
10k
4.7k
30V
-
+
200
100
100
15V
VCMR
0.8V TO 27.2V
CA3094A
2
6
1
4
8
5
-15V
120
3k
CC
500
7
IABC
3.6k
RS
RS
-
+
+15V
OUTPUT
(RMS)
IABC
(
µA)
CCOMP
(pF)
50
50
50
500
500
NOTE:
RS = 1MΩ
(1/F Noise Current Test).
RS = 0Ω
(1/F Noise Voltage Test).
(NOTE)
(NOTE)
3
CA3094A
2
3
6
4
8
5
-15V
RL = 2kΩ
7
IABC
10k
-
+
+15V
OUTPUT
10
91
100
10
10k
Ω +15V
-15V
RS
RS
(
Ω)
IABC
(
µA)
56K
500
560K
50
56M
5
CA3094A
2
3
6
4
8
5
2k
7
IABC
-
+
13k
-15V
15k
+15V
2V
0V
EOUT
CA3094A
2
3
6
4
8
5
2k
7
-
+
-15V
10k
+15V
±10V
1
EOUT
220
0.001
µF
10k
56k
CA3094, CA3094A, CA3094B




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPA2674Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreBurr-Brown (TI)
TS613DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT 1 2 3 4 5 MoreSTMicroelectronics
TS615DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT 1 2 3 4 5 MoreSTMicroelectronics
TS616DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT 1 2 3 4 5 MoreSTMicroelectronics
NJU7043Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier 1 2 New Japan Radio
NJU7045Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier with Shutdown 1 2 3 4 5 MoreNew Japan Radio
OP-50High Output Current Operational Amplifier 1 2 3 4 5 MoreAnalog Devices
HFA1145High Speed Low Power Current Feedback Video Operational Amplifier with Output Disable 1 2 3 4 5 Intersil Corporation
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTexas Instruments
LM6588TFT-LCD Quad 16V RRIO High Output Current Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl