Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3094 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3094
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3094 Datasheet HTML 2Page - Intersil Corporation CA3094 Datasheet HTML 3Page - Intersil Corporation CA3094 Datasheet HTML 4Page - Intersil Corporation CA3094 Datasheet HTML 5Page - Intersil Corporation CA3094 Datasheet HTML 6Page - Intersil Corporation CA3094 Datasheet HTML 7Page - Intersil Corporation CA3094 Datasheet HTML 8Page - Intersil Corporation CA3094 Datasheet HTML 9Page - Intersil Corporation CA3094 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
3-17
Application Information
For additional application information, refer to
Application Note AN6048, “Some Applications of a
Programmable Power/Switch Amplifier IC” and AN6077
“An IC Operational Transconductance Amplifier (OTA)
with Power Capability”.
Design Considerations
The selection of the optimum amplifier bias current (IABC)
depends on:
1. The Desired Sensitivity - The higher the IABC, the higher
the sensitivity, i.e., a greater drive current capability at the
output for a specific voltage change at the input.
2. Required Input Resistance - The lower the IABC, the high-
er the input resistance.
If the desired sensitivity and required input resistance are
not known and are to be experimentally determined, or the
anticipated equipment design is sufficiently flexible to
tolerate a wide range of these parameters, it is
recommended that the equipment designer begin his
calculations with an IABC of 100µA, since the CA3094 is
characterized at this value of amplifier bias current.
The CA3094 is extremely versatile and can be used in a
wide variety of applications.
FIGURE 9. PHASE COMPENSATION TEST CIRCUIT
FIGURE 10. PRESETTABLE ANALOG TIMER
Test Circuits (Continued)
CA3094A
2
3
6
1
4
8
5
-15V
51
2k
CC
56k
7
R2
-
+
+15V
OUTPUT
R3
RC
R1
CLOSED
LOOP GAIN
(dB)
R1
(k
Ω)
R2
(k
Ω)
R3
(k
Ω)
010
10
20
10
1
10
40
1
0.1
10
CA3094A
3
2
6
4
5
7
8
-
+
C1
D1
S1
R5
R6
R7
COMMON
V+ = 30V
120VAC
S2
R8
R1
R2
R3
R4
RLOAD
EOUT
MT1
MT2
(NOTE 12)
NOTES:
12. C1 = 0.5µF
D1 = 1N914
R1 = 0.51MΩ = 3 min.
R2 = 5.1MΩ = 30 min.
R3 = 22MΩ = 2 hrs.
R4 = 44MΩ = 4 hrs.
R5 = 1.5kΩ
R6 = 50kΩ
R7 = 5.1kΩ
R8 = 1.5kΩ
13. Potentiometer required for initial time set to permit device inter-
connecting. Time variation with temperature <0.3%/oC.
0
0
29V
27V
3V
S1
3
6
Time = 1 hr.
S2 Set to R4
CA3094, CA3094A, CA3094B


Similar Part No. - CA3094

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
CA3094A INTERSIL-CA3094A Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
CA3094AE INTERSIL-CA3094AE Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
CA3094AT INTERSIL-CA3094AT Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
CA3094B INTERSIL-CA3094B Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3094

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com