Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBS-598 Datasheet(PDF) 2 Page - API Delevan

Part # QBS-598
Description  Broadband 100 Watt GaN Power Amplifier 30 to 512 MHz High Power, Class AB Design for Military Communications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

QBS-598 Datasheet(HTML) 2 Page - API Delevan

  QBS-598 Datasheet HTML 1Page - API Delevan QBS-598 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
Part Number: QBS-598
5/9/2014
2
Outline Drawing
Pin Designations
Pin #
Signal
Pin #
Signal
1
+VDC
9
+VDC
2
+VDC
10
+VDC
3
NC
11
STANDBY
4
OVERCURRENT
12
RESERVED
5
TEMP
13
RESERVED
6
SIGNAL GROUND
14
-VDC
7
-VDC
15
-VDC
8
-VDC


Similar Part No. - QBS-598

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
QBS-598 APITECH-QBS-598 Datasheet
435Kb / 2P
   Broadband 100 Watt GaN Power Amplifier
More results

Similar Description - QBS-598

ManufacturerPart #DatasheetDescription
logo
API Delevan
QBS-560 API-QBS-560 Datasheet
240Kb / 2P
   Broadband 32 Watt GaN Power Amplifier 700 to 2500 MHz high power, class AB design utilizing GaN technology
logo
MTRONPTI
PA2033 MTRONPTI-PA2033 Datasheet
285Kb / 2P
   High Power Class AB linear GaN design
logo
API Technologies Corp
QBS-598 APITECH-QBS-598 Datasheet
435Kb / 2P
   Broadband 100 Watt GaN Power Amplifier
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2540-FL TRIQUINT-TGA2540-FL_15 Datasheet
260Kb / 16P
   30 to 3000 MHz GaN Power Amplifier
logo
Shenzhen Huazhimei Semi...
HM4890 HMSEMI-HM4890 Datasheet
760Kb / 11P
   1 Watt CLASS-AB Audio Power Amplifier
logo
Ultralife Corporation.
A-320 ULTRALIFE-A-320 Datasheet
1Mb / 2P
   20-Watt 30-512 MHz Amplifier
3/17/11
A-320V3 ULTRALIFE-A-320V3 Datasheet
10Mb / 2P
   20-Watt 30-512 MHz Amplifier
4/30/14
A-320V3A ULTRALIFE-A-320V3A Datasheet
1,011Kb / 2P
   20-Watt 30-512 MHz Amplifier
4/30/14
logo
API Delevan
QB-840 API-QB-840 Datasheet
505Kb / 2P
   1 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com