Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3096AE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3096AE
Description  NPN/PNP Transistor Arrays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3096AE Datasheet(HTML) 5 Page - Intersil Corporation

  CA3096AE Datasheet HTML 1Page - Intersil Corporation CA3096AE Datasheet HTML 2Page - Intersil Corporation CA3096AE Datasheet HTML 3Page - Intersil Corporation CA3096AE Datasheet HTML 4Page - Intersil Corporation CA3096AE Datasheet HTML 5Page - Intersil Corporation CA3096AE Datasheet HTML 6Page - Intersil Corporation CA3096AE Datasheet HTML 7Page - Intersil Corporation CA3096AE Datasheet HTML 8Page - Intersil Corporation CA3096AE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FIGURE 3. LINE-OPERATED LEVEL SWITCH USING CA3096A OR CA3096
FIGURE 4. ONE-MINUTE TIMER USING CA3096A AND A MOSFET
FIGURE 5. CA3096A SMALL-SIGNAL ZERO VOLTAGE DETECTOR HAVING NOISE IMMUNITY
Typical Applications (Continued)
LOAD
16
15
13
10
12
14
9
8
7
1
2
3
11
120VAC
Q1
6.8k
2W
Q3
100
µF
12V
+
-
RP
5.1k
10k
Q4 Q5
Q2
5
6
4
10k
10k
5.1k
1k
G
MT1
T2300B
MT2
NTC
SENSOR
13
14
15
10
12
1
6
4
2
9
7
16
3
5
8
11
Q5
40841
MOSFET
50M
5
µF
1k
+6V
OUTPUT
Q4
1k
3.9k
10k
20k
20k
5k
5k
Q3
Q1 Q2
TIME DELAY CHANGES
±7%
FOR SUPPLY VOLTAGE CHANGE OF
±10%
12
10
3
14
11
15
13
6
5
4
2
1
8
9
7
1k
2k
100
RL
EO
1k
1k
1k
100
VIN
Q1
Q4
Q5
Q2
Q3
V-
IO
V+
IF IO = 1mA AND RL = 1kΩ
VT = ± 36mV
V
T
36
I
O
R
L
---------------
±
=
+VT
VIN
-VT
EO
0
t
t
CA3096, CA3096A, CA3096C


Similar Part No. - CA3096AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096AE INTERSIL-CA3096AE Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
More results

Similar Description - CA3096AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096_04 Datasheet
434Kb / 15P
   NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC846PN-E6327 INFINEON-BC846PN-E6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
BC847PNE6327 INFINEON-BC847PNE6327 Datasheet
853Kb / 10P
   NPN/PNP Silicon AF Transistor Arrays
2011-10-05
logo
Zarlink Semiconductor I...
SL3145 ZARLINK-SL3145 Datasheet
311Kb / 7P
   1.6GHz NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
ISL73096RH INTERSIL-ISL73096RH_09 Datasheet
237Kb / 5P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
ISL73096RH INTERSIL-ISL73096RH Datasheet
197Kb / 4P
   Radiation Hardened Ultra High Frequency NPN/PNP Transistor Arrays
logo
Infineon Technologies A...
BC856S INFINEON-BC856S_11 Datasheet
854Kb / 10P
   PNP Silicon AF Transistor Arrays
2011-07-25
BC856S INFINEON-BC856S_08 Datasheet
849Kb / 10P
   PNP Silicon AF Transistor Arrays
2008-01-18
BC846S INFINEON-BC846S_08 Datasheet
852Kb / 10P
   NPN Silicon AF Transistor Arrays
2008-05-06
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com