Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3127 Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3127
Description  High Frequency NPN Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3127 Datasheet(HTML) 2 Page - Intersil Corporation

  CA3127 Datasheet HTML 1Page - Intersil Corporation CA3127 Datasheet HTML 2Page - Intersil Corporation CA3127 Datasheet HTML 3Page - Intersil Corporation CA3127 Datasheet HTML 4Page - Intersil Corporation CA3127 Datasheet HTML 5Page - Intersil Corporation CA3127 Datasheet HTML 6Page - Intersil Corporation CA3127 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-2
CA3127
Absolute Maximum Ratings
Thermal Information
The following ratings apply for each transistor in the device
Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . 15V
Collector-to-Base Voltage, VCBO. . . . . . . . . . . . . . . . . . . . . . . 20V
Collector-to-Substrate Voltage, VCIO (Note 1). . . . . . . . . . . . . 20V
Collector Current, IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
175
Maximum Power Dissipation, PD (Any One Transistor). . . . . . 85mW
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Packages). . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor of the CA3127 is isolated from the substrate by an integral diode. The substrate (Terminal 5) must be con-
nected to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor action.
2.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS (For Each Transistor)
Collector-to-Base Breakdown Voltage
IC = 10µA, IE = 0
20
32
-
V
Collector-to-Emitter Breakdown Voltage
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown-Voltage
IC1 = 10µA, IB = 0, IE = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage (Note 3)
IE = 10µA, IC = 0
4
5.7
-
V
Collector-Cutoff-Current
VCE = 10V IB = 0
-
-
0.5
µA
Collector-Cutoff-Current
VCB = 10V, IE = 0
-
-
40
nA
DC Forward-Current Transfer Ratio
VCE = 6V
IC = 5mA
35
88
-
IC = 1mA
40
90
-
IC = 0.1mA
35
85
-
Base-to-Emitter Voltage
VCE = 6V
IC = 5mA
0.71
0.81
0.91
V
IC = 1mA
0.66
0.76
0.86
V
IC = 0.1mA
0.60
0.70
0.80
V
Collector-to-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
-
0.26
0.50
V
Magnitude of Difference in VBE
Q1 and Q2 Matched
VCE = 6V, IC = 1mA
-
0.5
5
mV
Magnitude of Difference in IB
-
0.2
3
µA
DYNAMIC CHARACTERISTICS
Noise Figure
f = 100kHz, RS = 500Ω, IC = 1mA
-
2.2
-
dB
Gain-Bandwidth Product
VCE = 6V, IC = 5mA
-
1.15
-
GHz
Collector-to-Base Capacitance
VCB = 6V, f = 1MHz
-
See
Fig. 5
-pF
Collector-to-Substrate Capacitance
VCI = 6V, f = 1MHz
-
-
pF
Emitter-to-Base Capacitance
VBE = 4V, f = 1MHz
-
-
pF
Voltage Gain
VCE = 6V, f = 10MHz, RL = 1kΩ, IC = 1mA
-
28
-
dB
Power Gain
Cascode Configuration
f = 100MHz, V+ = 12V, IC = 1mA
27
30
-
dB
Noise Figure
-
3.5
-
dB
Input Resistance
Common-Emitter Configuration
VCE = 6V, IC = 1mA, f = 200 MHz
-
400
-
Output Resistance
-
4.6
-
k
Input Capacitance
-
3.7
-
pF
Output Capacitance
-2-
pF
Magnitude of Forward Transadmittance
-
24
-
mS
NOTE:
3. When used as a zener for reference voltage, the device must not be subjected to more than 0.1mJ of energy from any possible capacitance
or electrostatic discharge in order to prevent degradation of the junction. Maximum operating zener current should be less than 10mA.


Similar Part No. - CA3127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
Intersil Corporation
CA3127M INTERSIL-CA3127M Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
Renesas Technology Corp
CA3127M RENESAS-CA3127M Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
Intersil Corporation
CA3127MZ INTERSIL-CA3127MZ Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
More results

Similar Description - CA3127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3127 INTERSIL-CA3127_06 Datasheet
225Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com