Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB772A-E-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB772A-E-HF
Description  PNP Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB772A-E-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB772A-E-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
PNP transistor High current output up to 3A
Low Saturation Voltage
Complement to 2SD882A-HF
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-70
V
Collector to Emitter Voltage
VCEO
-60
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current to Continuous
IC
-3
A
Collector Dissipation
Pc
0.5
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55 to 150
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
Ic=-100uA ,IE=0
-70
V
Collector-emitter breakdown voltage
VCEO
IC= -10 mA , IB=0
-60
V
Emitter-base breakdown voltage
VEBO
IE= -100 uA ,IC=0
-6
V
Collector cut-off current
ICBO
VCB=-70 V , IE=0
-1
μA
Emitter cut-off current
IEBO
VEB=-6V , IC=0
-1
μA
VCE= -2V, IC= -1A
60
400
VCE=-2V, IC= -100mA
32
Collector-emitter saturation voltage
VCE(sat)
IC=-2A, IB=- 0.2A
-0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=-2A, IB= -0.2A
-1.5
V
Transition frequency
f T
VCE=-5 V, IC=-0.1mA,f = 10MHz
50
MHz
DC current gain
hFE
Classification of hfe(1)
Type
2SB772A-R-HF 2SB772A-Q-HF 2SB772A-P-HF 2SB772A-E-HF
Range
60-120
100-200
160-320
200-400
Marking
772AR F
772AQ F
772AP F
772AE F
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
PNP Transistors
2SB772A-HF
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish


Similar Part No. - 2SB772A-E-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB772A-E KEXIN-2SB772A-E Datasheet
373Kb / 1P
   PNP Transistors
More results

Similar Description - 2SB772A-E-HF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com