Selected language     English  β–Ό


UPA807T Datasheet(PDF) 5 Page - NEC

Part No. UPA807T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

   
 5 page
background image
Β΅PA807T
5
S-PARAMETERS
VCE = 1 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–9.0
–17.3
–23.7
–28.9
–32.6
–35.4
–37.9
–39.3
–40.8
–41.8
–42.8
–43.5
–44.4
–45.1
–45.9
–46.2
–46.8
–47.5
–48.0
–48.7
ANG
–9.9
–19.0
–25.7
–34.0
–39.7
–46.5
–52.3
–56.2
–59.9
–62.7
–65.8
–67.2
–69.6
–71.0
–72.5
–73.7
–74.4
–75.1
–76.8
–78.3
MAG
0.957
0.911
0.847
0.776
0.723
0.664
0.618
0.579
0.547
0.522
0.499
0.479
0.459
0.444
0.431
0.420
0.409
0.399
0.392
0.384
ANG
83.2
77.1
72.5
69.7
66.9
66.2
64.6
64.0
63.2
63.5
62.8
63.2
62.4
62.7
62.1
62.0
61.6
61.3
61.0
60.7
MAG
8.234
7.897
7.518
7.443
6.901
6.572
6.182
5.737
5.382
5.014
4.692
4.411
4.134
3.902
3.681
3.493
3.326
3.175
3.035
2.915
MAG
0.018
0.035
0.050
0.062
0.073
0.083
0.092
0.100
0.109
0.116
0.125
0.134
0.141
0.149
0.159
0.167
0.174
0.182
0.190
0.198
MAG
0.867
0.834
0.782
0.713
0.655
0.576
0.514
0.458
0.410
0.369
0.335
0.303
0.276
0.251
0.229
0.210
0.191
0.174
0.159
0.144
ANG
165.2
155.1
145.9
137.5
130.7
123.6
117.3
112.1
107.5
103.5
99.8
96.3
93.3
90.4
87.9
85.3
83.0
80.8
78.7
76.7
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
ANG
–10.4
–19.6
–26.1
–31.0
–33.9
–36.0
–37.8
–38.7
–39.7
–40.1
–40.9
–41.1
–42.0
–42.7
–43.1
–43.7
–44.0
–44.6
–45.2
–46.1
ANG
–15.0
–27.5
–36.5
–44.7
–50.7
–56.1
–60.3
–63.2
–66.1
–68.0
–70.3
–71.3
–73.4
–74.0
–75.7
–76.3
–77.1
–77.5
–78.9
–81.0
MAG
0.938
0.875
0.796
0.716
0.660
0.601
0.559
0.524
0.497
0.476
0.457
0.442
0.426
0.413
0.404
0.395
0.385
0.377
0.371
0.365
ANG
80.9
76.0
71.5
68.7
67.4
66.5
65.8
65.9
65.7
66.0
65.3
65.4
65.3
64.8
64.6
64.5
64.0
63.6
63.2
62.9
MAG
0.018
0.034
0.047
0.058
0.069
0.077
0.086
0.095
0.104
0.112
0.121
0.129
0.138
0.146
0.155
0.163
0.172
0.180
0.190
0.197
MAG
0.793
0.737
0.661
0.574
0.517
0.446
0.395
0.348
0.311
0.278
0.251
0.227
0.204
0.185
0.167
0.151
0.135
0.122
0.108
0.097
ANG
161.8
149.4
139.2
130.0
122.7
116.0
110.4
105.9
102.0
98.4
95.1
92.0
89.4
86.7
84.3
82.1
80.1
77.8
76.0
74.1
MAG
10.022
9.509
8.774
8.493
7.755
7.177
6.636
6.072
5.617
5.189
4.824
4.499
4.203
3.963
3.722
3.525
3.345
3.191
3.042
2.913




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPA808TMICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD 1 2 3 4 5 MoreNEC
UPA806TMICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD 1 2 3 4 5 MoreNEC
UPA809TMICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD 1 2 3 4 5 MoreNEC
UPC805TMICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD 1 2 3 4 5 MoreNEC
UPA800THIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD 1 2 3 4 5 MoreNEC
UPA802THIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD 1 2 3 4 5 MoreNEC
2SC4187MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD 1 2 3 4 5 MoreNEC
2SC4225MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD 1 2 3 4 5 MoreNEC
UPA811THIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD 1 2 3 4 5 MoreNEC
UPA812THIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl