Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB931 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB931
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB931 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB931_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB931_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB931_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB931
Typical Characterisitics
PC
I
a
T
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IC
Cob — VCB
ton, tstg, tf — IC
Area of safe operation (ASO)
0
6
1
0
40
120
80
140
20
100
60
0
40
30
10
20
(1) TC=Ta
(2) With a 50 × 50 × 2mm
Al heat sink
(3) Without heat sink
(PC=1.3W)
(1)
(2)
(3)
Ambient temperature Ta (˚C)
0
1
0
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
TC=25˚C
–80mA
–60mA
–40mA
–30mA
–16mA
–20mA
–12mA
–8mA
–4mA
IB=–100mA
Collector to emitter voltage VCE (V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=20
25˚C
TC=100˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=20
TC=–100˚C
25˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
VCE=–2V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
1
3
10
30
100
300
1000
3000
10000
VCE=–10V
f=10MHz
TC=25˚C
Collector current IC (A)
– 0.1
–1
–10
–100
– 0.3
–3
–30
1
3
10
30
100
300
1000
3000
10000
IE=0
f=1MHz
TC=25˚C
Collector to base voltage VCB (V)
2
.
3
0
– 0.8
–2.4
–1.6
0.01
0.03
0.1
0.3
1
3
10
30
100
tstg
ton
tf
Pulsed tw=1ms
Duty cycle=1%
IC/IB=10
(–IB1=IB2)
VCC=–50V
Ta=25˚C
Collector current IC (A)
–1
–10
–100
–1000
–3
–30
–300
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
Non repetitive pulse
TC=25˚C
10ms
t=0.5ms
1ms
ICP
IC
300ms
Collector to emitter voltage VCE (V)


Similar Part No. - 2SB931_15

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB931 PANASONIC-2SB931 Datasheet
57Kb / 3P
   Silicon PNP epitaxial planar type(For power switching)
2SB931 PANASONIC-2SB931 Datasheet
84Kb / 4P
   For Power Switching
logo
Guangdong Kexin Industr...
2SB931 KEXIN-2SB931 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results

Similar Description - 2SB931_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com