Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7687 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7687
Description  16-Bit, 1.5 LSB INL, 250 kSPS PulSAR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7687 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7687_15 Datasheet HTML 4Page - Analog Devices AD7687_15 Datasheet HTML 5Page - Analog Devices AD7687_15 Datasheet HTML 6Page - Analog Devices AD7687_15 Datasheet HTML 7Page - Analog Devices AD7687_15 Datasheet HTML 8Page - Analog Devices AD7687_15 Datasheet HTML 9Page - Analog Devices AD7687_15 Datasheet HTML 10Page - Analog Devices AD7687_15 Datasheet HTML 11Page - Analog Devices AD7687_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7687
Data Sheet
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
REF
1
VDD
2
IN+
3
IN–
4
GND
5
VIO
10
SDI
9
SCK
8
SDO
7
CNV
6
AD7687
TOP VIEW
(Not to Scale)
Figure 5. 10-Lead MSOP Pin Configuration
1
REF
2
VDD
3
IN+
4
IN–
5
GND
10 VIO
9 SDI
8 SCK
7 SDO
6 CNV
NOTES
1. FOR THE LFCSP PACKAGE ONLY,
THE EXPOSED PADDLE MUST BE
CONNECTED TO GND.
TOP VIEW
(Not to Scale)
AD7687
Figure 6. 10-Lead LFCSP Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Function
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. This pin should
be decoupled closely to the pin with a 10 µF capacitor.
2
VDD
P
Power Supply.
3
IN+
AI
Differential Positive Analog Input.
4
IN−
AI
Differential Negative Analog Input.
5
GND
P
Power Supply Ground.
6
CNV
DI
Convert Input. This input has multiple functions. On its leading edge, it initiates the conversions and
selects the interface mode, chain or CS. In CS mode, it enables the SDO pin when low. In chain mode, the
data should be read when CNV is high.
7
SDO
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to SCK.
8
SCK
DI
Serial Data Clock Input. When the part is selected, the conversion result is shifted out by this clock.
9
SDI
DI
Serial Data Input. This input provides multiple features. It selects the interface mode of the ADC as follows:
Chain mode is selected if SDI is low during the CNV rising edge. In this mode, SDI is used as a data input to
daisy chain the conversion results of two or more ADCs onto a single SDO line. The digital data level on SDI
is output on SDO with a delay of 16 SCK cycles.
CS mode is selected if SDI is high during the CNV rising edge. In this mode, either SDI or CNV can enable
the serial output signals when low, and if SDI or CNV is low when the conversion is complete, the BUSY
indicator feature is enabled.
10
VIO
P
Input/Output Interface Digital Power. Nominally at the same supply as the host interface (1.8 V, 2.5 V, 3 V,
or 5 V).
EPAD
N/A
For the LFCSP package only, the exposed paddle must be connected to GND.
1
AI = Analog Input, DI = Digital Input, DO = Digital Output, P = Power, and N/A = not applicable.
Rev. C | Page 8 of 28


Similar Part No. - AD7687_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD76871 AD-AD76871 Datasheet
644Kb / 24P
   14-Bit, 500 kSPS PulSAR ADC in MSOP
REV. A
AD76871 AD-AD76871 Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7687BCPZ-R2 AD-AD7687BCPZ-R2 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7687BCPZRL7 AD-AD7687BCPZRL7 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
More results

Similar Description - AD7687_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7691 AD-AD7691_15 Datasheet
693Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR
REV. D
AD7688 AD-AD7688_15 Datasheet
535Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR
REV. B
AD7687 AD-AD7687 Datasheet
616Kb / 27P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP
AD7690 AD-AD7690_15 Datasheet
587Kb / 24P
   18-Bit, 1.5 LSB INL, 400 kSPS PulSAR
REV. C
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7622 AD-AD7622_15 Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR
REV. 0
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7622BSTZ AD-AD7622BSTZ Datasheet
810Kb / 28P
   16-Bit, 1.5 LSB INL, 2 MSPS PulSAR ADC
REV. 0
AD7688BRMRL7 AD-AD7688BRMRL7 Datasheet
437Kb / 28P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
Rev. A
AD7688 AD-AD7688 Datasheet
562Kb / 29P
   16-Bit, 1.5 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com