Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL731JTTE22N Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # KL731JTTE22N
Description  Excellent for high frequency applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL731JTTE22N Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  KL731JTTE22N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL731JTTE22N Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
KL73
thin film inductor
environmental applications
PerformanceCharacteristics
Parameter
260°C ± 5°C, 10s ± 1s
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
RequirementsMaximum ∆L/L ∆Q/Q
TestMethod
Resistance to Soldering Heat
-40°C (30min.)/ +125°C (30min.) 100 cycles
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
Rapid Change of Temperature
-40°C ± 3°C, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
Low Temperature Exposure
125°C ± 2°C, 1000h
Without distinct damage
in appearance and construction
∆ L/L: ±2%, ∆ Q/Q: ±20%
High Temperature Exposure
40°C ± 2°C, 90%~95%RH, 1000h
Without distinct damage
in appearance and construction
Insulation resistance: 50MΩ or more
∆ L/L: ±2%, ∆ Q/Q: ±20%
Moisture Exposure
Immerse the inductors for 30s ± 5s in the reagent
(20°C ~ 25°C) of JIS K8839 (1995)
Without distinct damage in
appearance, construction and marking
∆ L/L: ±2%, ∆ Q/Q: ±20%
Resistance to Solvent
Limit
Typical
∆ L/L: ±0.5%
∆ Q/Q: ±1.5%
∆ L/L: ±0.6%
∆ Q/Q: ±1.2%
∆ L/L: ±0.4%
∆ Q/Q: ±1.4%
∆ L/L: ±0.4%
∆ Q/Q: ±1.3%
∆ L/L: ±0.7%
∆ Q/Q: ±1.2%
∆ L/L: ±0.5%
∆ Q/Q: ±1.6%
221
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/21/14
FrequencyCharacteristics
Test equipment: HP4291B impedance analyzer (1E, 1J, 2A, 2B)
27nH
10nH
4.7nH
1.0nH
10
1001000
10000
1
Frequency (MHz)
50
40
30
20
10
0
47nH
27nH
10nH
4.7nH
1.0nH
10
100
1000
10000
1
Frequency (MHz)
100
80
60
40
20
0
KL73 1E
KL73 1J
82nH
47nH
27nH
10nH
4.7nH
1.0nH
10
1001000
10000
1
Frequency (MHz)
100
80
60
40
20
0
KL73 2A
K
L-FrequencyCharacteristics
27nH
10nH
4.7nH
1.0nH
10
1001000
10000
1
Frequency (MHz)
50
40
30
20
10
0
KL73 1E
K
10
100
1000
10000
1
Frequency (MHz)
150
100
50
0
47nH
100nH
27nH
10nH
2.2nH
4.7nH
KL73 2B
4.7nH
10nH
1.0nH
27nH
47nH
10
100
1000
10000
1
Frequency (MHz)
50
40
30
20
10
0
KL73 1J
10
100
1000
10000
1
Frequency (MHz)
100
90
80
70
60
50
40
30
20
10
0
2.2nH
4.7nH
10nH
27nH
47nH
100nH
KL73 2B
47nH
27nH
82nH
10nH
4.7nH
1.0nH
10
1001000
10000
1
Frequency (MHz)
100
90
80
70
60
50
40
30
20
10
0
KL73 2A
Q-FrequencyCharacteristics


Similar Part No. - KL731JTTE22N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL731JTTE22N KOA-KL731JTTE22N Datasheet
133Kb / 4P
   thin film inductor
KL731JTTE22N KOA-KL731JTTE22N Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731JTTE22N KOA-KL731JTTE22N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
More results

Similar Description - KL731JTTE22N

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCEC1708 ALLIED-PCEC1708 Datasheet
2Mb / 2P
   Excellent for High Current Applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
CHC TTELEC-CHC Datasheet
1Mb / 4P
   Excellent high frequency performance
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
Littelfuse
PESD0402-240 LITTELFUSE-PESD0402-240 Datasheet
811Kb / 9P
   ESD protection for high frequency applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com