Electronic Components Datasheet Search
Selected language     English  ▼


N-270AA Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. N-270AA
Description  Cell Type N-270AA
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 1 page
background image
Typical Characteristics
Specifications
Cell Type N-270AA
Dimensions
of
Bare Cell
H
29.5 ±0.3
mm
1.161 ±0.012
inch
D
14.0 ±0.2
mm
0.551 ±0.008
inch
d
7.0
mm
0.276
inch
D
d
Nominal Capacity
270mAh
Nominal Voltage
1.2V
Charging Current
Standard
27mA
Quick
81mA
Fast
405mA
Charging Time
Standard
14 to 16Hrs.
Quick
4 to 6Hrs.
Fast
about 1Hr.
Ambient
Temperature
Charge
Standard
0°C to +45°C [+32°F to 113°F]
Quick
10°C to +45°C [+50°F to 113°F]
Fast
0°C to +45°C [+32°F to 113°F]
Discharge
-20°C to +60°C [ -4°F to 140°F]
Storage
-30°C to +50°C [ -22°F to 122°F]
Internal Impedance (Av.)
(at. 50% discharge)
15.0m
(at 1000Hz)
Weight
14g/0.49oz
Dimensions(D)
×(H)
(with tube)
Charge
1.6
1.5
1.4
1.3
02468
10
12
14
16
Charge : 27mA
0˚C/32˚F
20˚C/68˚F
45˚C/113˚F
Charge Time (Hrs.)
Charge
1.6
1.5
1.4
1.3
0
20
40
60
80
100
120
140
160
Temperature : 20˚C/68˚F
0.3 It
1.5 It
0.1 It
Charge Input (%)
Discharge (at low rate)
1.4
1.2
1.0
0.8
02468
10
12
14
16
Charge : 27mA
×16Hrs.
at 20˚C/68˚F
(0.1 It)
(0.2 It)
(0.5 It)
Discharge Time (Hrs.)
Discharge (at high rate)
1.4
1.2
1.0
0.8
0
1020304050607080
Charge : 27mA
×16Hrs.
at 20˚C/68˚F
(2 It)
(1 It)
Discharge Time (Mins)
Discharge (at high rate)
1.4
1.2
1.0
0.8
02468
10
12
14
16
Charge : 27mA
×16Hrs.
at 20˚C/68˚F
(4 It)
(8 It)
Discharge Time (Mins)
Temperature (Charge & Discharge)
100
80
60
40
-20
-10
0
10
20
30
40
50
60˚C
-4
14
32
50
68
86
104
122
140˚F
Operating Temperature
90
70
50
Charge Characteristics
Discharge Characteristics
Condition Charge : 27mA
×16Hrs.
Discharge : 54mA
(End Volt 1.0V)
14.5
0
× 30.3
0
mm
-0.5
-1
0.57
0
× 1.19
0
inch
-0.02
-0.04
CD010830




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl