Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N0266601 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 3N0266601
Description  End of life (EOL) for certain part numbers with little or no activity
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3N0266601 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  3N0266601 Datasheet HTML 1Page - Bel Fuse Inc. 3N0266601 Datasheet HTML 2Page - Bel Fuse Inc. 3N0266601 Datasheet HTML 3Page - Bel Fuse Inc. 3N0266601 Datasheet HTML 4Page - Bel Fuse Inc. 3N0266601 Datasheet HTML 5Page - Bel Fuse Inc. 3N0266601 Datasheet HTML 6Page - Bel Fuse Inc. 3N0266601 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
152 N Third Street, Suite 805
San Jose, CA 95112 USA
T 866.513.2839
www.belpowersolutions.com
Date:
10-24-2014
Description:
End of life (EOL) for certain part numbers with little or no activity
Dear Valued Customers,
Bel Power Solutions has decided to EOL certain part numbers that have little or no activity over the past
several years.
The part numbers impacted by this notification are listed in the attached table. Suggested replacement
parts are listed where applicable.
The listed part numbers are end of life and considered to be obsolete effective immediately. Limited
inventory may be available for certain products. Please contact your local customer service
representative for current availability of specific products.
Last Time Buy date: 31st October 2014
Last Time Ship date: 31st March 2015 (subject to availability)
In the meantime, on behalf of Bel Power Solutions, I assure you of our ongoing commitment to your
business enterprise as we continue on our path of being your power supplier of choice.
Best Regards,
Steve Dawson
Director, Marketing and Business Development
Bel Power Solutions


Similar Part No. - 3N0266601

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3N0403 VBSEMI-3N0403 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0404 VBSEMI-3N0404 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0406 VBSEMI-3N0406 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N04H4 VBSEMI-3N04H4 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
3N0605 VBSEMI-3N0605 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - 3N0266601

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSTK1006 ATMEL-ATSTK1006 Datasheet
26Kb / 2P
   Product End-of-Life (EOL) Notification
logo
Silicon Laboratories
EM2420-RTR SILABS-EM2420-RTR Datasheet
111Kb / 2P
   End of Life (EOL) Change Notice
logo
Murata Manufacturing Co...
NFW31SP106X1E4 MURATA1-NFW31SP106X1E4_V01 Datasheet
376Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP407X1E4 MURATA1-NFW31SP407X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP157X1E4 MURATA1-NFW31SP157X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP107X1E4 MURATA1-NFW31SP107X1E4_V01 Datasheet
374Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP207X1E4 MURATA1-NFW31SP207X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP206X1E4 MURATA1-NFW31SP206X1E4_V01 Datasheet
375Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
NFW31SP307X1E4 MURATA1-NFW31SP307X1E4_V01 Datasheet
373Kb / 3P
   Suppresses signal noise with little or no attenuation of the signal itself.
Last updated07/26/2022
logo
International Rectifier
IP2034PBF IRF-IP2034PBF Datasheet
72Kb / 2P
   End of Life Notification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com