Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7719 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7719
Description  Low Voltage, Low Power
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7719 Datasheet(HTML) 1 Page - Analog Devices

  AD7719_15 Datasheet HTML 1Page - Analog Devices AD7719_15 Datasheet HTML 2Page - Analog Devices AD7719_15 Datasheet HTML 3Page - Analog Devices AD7719_15 Datasheet HTML 4Page - Analog Devices AD7719_15 Datasheet HTML 5Page - Analog Devices AD7719_15 Datasheet HTML 6Page - Analog Devices AD7719_15 Datasheet HTML 7Page - Analog Devices AD7719_15 Datasheet HTML 8Page - Analog Devices AD7719_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
a
AD7719
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. A
Low Voltage, Low Power,
Factory-Calibrated 16-/24-Bit Dual - ADC
FEATURES
HIGH RESOLUTION
-
ADCs
2 Independent ADCs (16- and 24-Bit Resolution)
Factory-Calibrated (Field Calibration Not Required)
Output Settles in 1 Conversion Cycle (Single
Conversion Mode)
Programmable Gain Front End
Simultaneous Sampling and Conversion of 2
Signal Sources
Separate Reference Inputs for Each Channel
Simultaneous 50 Hz and 60 Hz Rejection at 20 Hz
Update Rate
ISOURCE Select™
24-Bit No Missing Codes—Main ADC
13-Bit p-p Resolution @ 20 Hz, 20 mV Range
18-Bit p-p Resolution @ 20 Hz, 2.56 V Range
INTERFACE
3-Wire Serial
SPI®, QSPI™, MICROWIRE™, and DSP Compatible
Schmitt Trigger on SCLK
POWER
Specified for Single 3 V and 5 V Operation
Normal: 1.5 mA Typ @ 3 V
Power-Down: 10
A (32 kHz Crystal Running)
ON-CHIP FUNCTIONS
Rail-Rail Input Buffer and PGA
4-Bit Digital I/O Port
On-Chip Temperature Sensor
Dual Switchable Excitation Current Sources
Low-Side Power Switches
Reference Detect Circuit
APPLICATIONS
Sensor Measurement
Temperature Measurement
Pressure Measurement
Weigh Scales
Portable Instrumentation
4 to 20 mA Transmitters
GENERAL DESCRIPTION
The AD7719 is a complete analog front end for low frequency
measurement applications. It contains two high resolution
Σ-∆
ADCs, switchable matched excitation current sources, low-side
power switches, digital I/O port, and temperature sensor. The
24-bit main channel with PGA accepts fully differential, unipolar,
and bipolar input signal ranges from 1.024
× REFIN1/128 to
1.024
× REFIN1. Signals can be converted directly from a trans-
ducer without the need for signal conditioning. The 16-bit auxiliary
channel has an input signal range of REFIN2 or REFIN2/2.
The device operates from a 32 kHz crystal with an on-chip
PLL generating the required internal operating frequency. The
output data rate from the part is software programmable. The
peak-to-peak resolution from the part varies with the programmed
gain and output data rate.
The part operates from a single 3 V or 5 V supply. When oper-
ating from 3 V supplies, the power dissipation for the part is
4.5 mW with both ADCs enabled and 2.85 mW with only the
main ADC enabled in unbuffered mode. The AD7719 is housed
in 28-lead SOIC and TSSOP packages.
FUNCTIONAL BLOCK DIAGRAM
MUX
AVDD
IEXC1
200 A
IEXC2
200 A
AVDD
AGND
BUF
PGA
MUX1
TEMP
SENSOR
I/O PORT
AVDD
MAIN CHANNEL
24-BIT
-
ADC
AUXILIARY CHANNEL
16-BIT
-
ADC
REFERENCE
DETECT
OSC. AND
PLL
SERIAL
INTERFACE
AND
CONTROL
LOGIC
DVDD
DGND
IOUT1
IOUT2
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AVDD
AGND
REFIN2
PWRGND
P1/SW1 P2/SW2 P3
P4
DOUT
DIN
SCLK
CS
RDY
RESET
XTAL1
XTAL2
REFIN1(+)
REFIN1(–)
AD7719
MUX2


Similar Part No. - AD7719_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
More results

Similar Description - AD7719_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HP01-TQ ETC2-HP01-TQ Datasheet
255Kb / 6P
   Low voltage, low power
HP01-JK ETC2-HP01-JK Datasheet
203Kb / 7P
   Low voltage, low power
HP03S ETC2-HP03S Datasheet
200Kb / 7P
   Low voltage, low power consumption
logo
Semtech Corporation
XE8806A SEMTECH-XE8806A Datasheet
894Kb / 143P
   Ultra Low-Power Low-Voltage
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
Taiwan Semiconductor Co...
TS331 TSC-TS331 Datasheet
218Kb / 5P
   Low Power Low Offset Voltage Comparators
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Cirrus Logic
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
   Low-power / Low-voltage Precision Amplifier
logo
Maxim Integrated Produc...
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com