Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K30LGXYPQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K30LGXYPQ
Description  DC-Operated LED Indicators with Two or Three Colors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K30LGXYPQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K30LGXYPQ Datasheet HTML 1Page - List of Unclassifed Manufacturers K30LGXYPQ Datasheet HTML 2Page - List of Unclassifed Manufacturers K30LGXYPQ Datasheet HTML 3Page - List of Unclassifed Manufacturers K30LGXYPQ Datasheet HTML 4Page - List of Unclassifed Manufacturers K30LGXYPQ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Models*
LED Function — 2 or 3
Lights,
Independently Selected
Construction
PNP Input
NPN Input
Color 1
Color 2
Color 3
K50LGRXPQ
K50LGRXNQ
Green
Red
30 mm polycarbonate
base, translucent
polycarbonate dome
Fully encapsulated
IP67, IP69K
K50LGXYPQ
K50LGXYNQ
Green
Yellow
K50LXRYPQ
K50LXRYNQ
Red
Yellow
K50LGRYPQ
K50LGRYNQ
Green
Red
Yellow
K50FLGRXPQ
K50FLGRXNQ
Green
Red
Polycarbonate base,
translucent
polycarbonate dome
Fully encapsulated
IP67, IP69K
K50FLGXYPQ
K50FLGXYNQ
Green
Yellow
K50FLXRYPQ
K50FLXRYNQ
Red
Yellow
K50FLGRYPQ
K50FLGRYNQ
Green
Red
Yellow
K80LGRXPQ
K80LGRXNQ
Green
Red
ABS and
polycarbonate base,
translucent
polycarbonate dome
Electronics fully
encapsulated
IP67
K80LGXYPQ
K80LGXYNQ
Green
Yellow
K80LXRYPQ
K80LXRYNQ
Red
Yellow
K80LGRYPQ
K80LGRYNQ
Green
Red
Yellow
* See page 1 for footnotes.
Specifications
Supply Voltage and Current
T8L models: 10 to 30V dc at 20 mA max.
T18, M18, and K30L models: 10 to 30V dc at 25
mA max. per LED color
T30 models: 10 to 30V dc at 40 mA max. per
LED color
K50L, K50FL, and K80L models: 18 to 30V dc at
40 mA max. per LED color
Indicators
Entire translucent diffuser or dome provides
indication. Green and Yellow, when connected to
discrete output of 3-wire or 4-wire sensors. For
other colors, contact Factory for availability
Input Response Time
Indicator ON/OFF: 1 ms max.
Construction
See Models lists
Connections
T8L models: 4-pin Euro-style 150 mm (5.9 in)
pigtail QD (QP) or 4-wire, 2 m (6.5 ft) integral
cable, depending on model
K80L models: 4-pin Euro-style integral QD
(Q)standard; terminal-wired models available for
use with bulk cable; compression fitting optional.
Contact Factory for cable information.
Other models: 4-pin Euro-style integral QD (Q),
5.9 in. pigtail QD (QP), or 4-wire, 2 m (6.5 ft)
integral cable, depending on model
Environmental Rating
Rated IEC IP67. T8L not encapsulated; K80L has
encapsulated electronics only; other models fully
encapsulated. K30L, K50L, and K50FL QD models
meet IP69K, per DIN 40050-9. Cabled models
also meet IP69K if the cable and cable entrance
are protected from high-pressure spray.
Operating Conditions
Temperature: −40 °C to +50 °C (−40 °F to
+122 °F)
Certifications
K30L and K50L models:
Other models:
EZ-LIGHT2- or 3-Color General-Purpose Indicators
2
www.bannerengineering.com - tel: 763-544-3164
P/N 121899 Rev. I


Similar Part No. - K30LGXYPQ

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K30LGXXPPB2Q BANNER-K30LGXXPPB2Q Datasheet
273Kb / 5P
   EZ-LIGHT짰 K30L Series With Independent Push Button Contact
More results

Similar Description - K30LGXYPQ

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPK GREATECS-TPK Datasheet
425Kb / 3P
   Tactile Switches with LED (two colors available)
logo
Maxim Integrated Produc...
MAX8900AEVKIT MAXIM-MAX8900AEVKIT Datasheet
3Mb / 15P
   Three Status LED Indicators
Rev 0; 4/10
logo
AVAGO TECHNOLOGIES LIMI...
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
logo
Phihong USA Inc.
PIA04RZ-011-P PHIHONG-PIA04RZ-011-P Datasheet
246Kb / 1P
   Two or Four Outputs with DC Voltage Dimming Control
logo
Vishay Siliconix
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
logo
Omron Electronics LLC
J7KNA OMRON-J7KNA Datasheet
174Kb / 10P
   AC & DC operated
logo
AVAGO TECHNOLOGIES LIMI...
AEDC-55XX AVAGO-AEDC-55XX Datasheet
430Kb / 9P
   High Resolution Two or Three Channel Quick Assembly Encoders With Connector Latch
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com