Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7729 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7729
Description  Dual Sigma-Delta ADC with Auxiliary DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7729 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7729_15 Datasheet HTML 2Page - Analog Devices AD7729_15 Datasheet HTML 3Page - Analog Devices AD7729_15 Datasheet HTML 4Page - Analog Devices AD7729_15 Datasheet HTML 5Page - Analog Devices AD7729_15 Datasheet HTML 6Page - Analog Devices AD7729_15 Datasheet HTML 7Page - Analog Devices AD7729_15 Datasheet HTML 8Page - Analog Devices AD7729_15 Datasheet HTML 9Page - Analog Devices AD7729_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD7729
–6–
REV. 0
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise stated)
AVDD, DVDD to GND . . . . . . . . . . . . . . . .
–0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND . . . .
–0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
°C to +105°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +150
°C
TSSOP
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . +122
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
SOIC
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . +72
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
AD7729AR
–40
°C to +105°C Small Outline IC R-28
(SOIC)
AD7729ARU –40
°C to +105°C Thin Shrink Small RU-28
Outline (TSSOP)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7729 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7729
RxON
RESETB
BSDI
BSDIFS
ASCLK
ASDI
ASDIFS
IRxP
IRxN
QRxP
QRxN
AGND
AVDD1
AVDD2
MCLK
BSCLK
BSDO
BSDOFS
BSE
ASDO
ASDOFS
REFCAP
REFOUT
AUXDAC
DVDD1
ASE
DGND
DVDD2


Similar Part No. - AD7729_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
   Dual Sigma-Delta ADC with Auxiliary DAC
More results

Similar Description - AD7729_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
   Dual Sigma-Delta ADC with Auxiliary DAC
AD7729ARZ AD-AD7729ARZ Datasheet
134Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7729 AD-AD7729 Datasheet
142Kb / 16P
   Dual Sigma-Delta ADC with Auxiliary DAC
REV. 0
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
   24-Bit Sigma-Delta ADC with PGA
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
   24-Bit Sigma-Delta ADC with PGA
ADE7903 AD-ADE7903 Datasheet
994Kb / 20P
   3-Channel, Sigma-Delta ADC with SPI
AD7760 AD-AD7760_17 Datasheet
851Kb / 37P
   Sigma-Delta ADC with On-Chip Buffer
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com