Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T18XRYNQ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # T18XRYNQ
Description  DC-Operated LED Indicators with Two or Three Colors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T18XRYNQ Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T18XRYNQ Datasheet HTML 1Page - List of Unclassifed Manufacturers T18XRYNQ Datasheet HTML 2Page - List of Unclassifed Manufacturers T18XRYNQ Datasheet HTML 3Page - List of Unclassifed Manufacturers T18XRYNQ Datasheet HTML 4Page - List of Unclassifed Manufacturers T18XRYNQ Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC-Operated LED Indicators with Two or Three Colors
For the latest technical information about this product, including specifications, dimensions, and wiring, see
www.bannerengineering.com.
Models*
LED Function — 2 or 3
Lights,
Independently Selected
Construction
PNP Input
NPN Input
Color 1
Color 2 Color 3
T8LGRXPQP
T8LGRXNQP
Green
Red
Polycarbonate/ABS
alloy housing,
thermoplastic diffuser
IP67
T8LGXYPQP
T8LGXYNQP
Green
Yellow
T8LXRYPQP
T8LXRYNQP
Red
Yellow
M18GRXPQ
M18GRXNQ
Green
Red
Nickel-plated brass
housing, thermoplastic
diffuser
Fully encapsulated
IP67
M18GXYPQ
M18GXYNQ
Green
Yellow
M18XRYPQ
M18XRYNQ
Red
Yellow
M18GRYPQ
M18GRYNQ
Green
Red
Yellow
T18GRXPQ
T18GRXNQ
Green
Red
Thermoplastic
polyester housing,
thermoplastic diffuser
Fully encapsulated
IP67
T18GXYPQ
T18GXYNQ
Green
Yellow
T18XRYPQ
T18XRYNQ
Red
Yellow
T18GRYPQ
T18GRYNQ
Green
Red
Yellow
T30GRXPQ
T30GRXNQ
Green
Red
Thermoplastic
polyester housing,
thermoplastic diffuser
Fully encapsulated
IP67
T30GXYPQ
T30GXYNQ
Green
Yellow
T30XRYPQ
T30XRYNQ
Red
Yellow
T30GRYPQ
T30GRYNQ
Green
Red
Yellow
K30LGRXPQ
K30LGRXNQ
Green
Red
22 mm threaded
polycarbonate base,
translucent
polycarbonate dome
Fully encapsulated
IP67, IP69K
K30LGXYPQ
K30LGXYNQ
Green
Yellow
K30LXRYPQ
K30LXRYNQ
Red
Yellow
K30LGRYPQ
K30LGRYNQ
Green
Red
Yellow
NOTE: More models on next page
* A QD model requires a mating cable; see Accessories list.
T8L Models: Standard pigtail QD models are listed. For integral 4-wire cable model, omit suffix QP (example, T8LGRXP).
K80L Models: Standard 4-pin Euro integral QD connector models are listed. For terminal-wired model, omit suffix Q
(example, K80LGRXP).
Other Models: Standard 4-pin Euro integral QD connector models are listed. For 2 m (6.5') integral 4-wire cable model,
omit suffix Q (example, M18GRXP). For 150 mm (6") PVC pigtail with 4-pin Euro connector, replace suffix Q with QP
(example, M18GRXPQP).
Contact Factory for other colors/color combinations, including: blue, white, orange.
EZ-LIGHT2- or 3-Color General-Purpose
Indicators
P/N 121899 Rev. I
1 Oct 2013
0 121899
2


Similar Part No. - T18XRYNQ

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
T18X10X10 TDK-T18X10X10 Datasheet
34Kb / 1P
   Ferrite for EMI Suppression High Permeability Material HF90
More results

Similar Description - T18XRYNQ

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPK GREATECS-TPK Datasheet
425Kb / 3P
   Tactile Switches with LED (two colors available)
logo
Maxim Integrated Produc...
MAX8900AEVKIT MAXIM-MAX8900AEVKIT Datasheet
3Mb / 15P
   Three Status LED Indicators
Rev 0; 4/10
logo
AVAGO TECHNOLOGIES LIMI...
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
logo
Phihong USA Inc.
PIA04RZ-011-P PHIHONG-PIA04RZ-011-P Datasheet
246Kb / 1P
   Two or Four Outputs with DC Voltage Dimming Control
logo
Vishay Siliconix
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
logo
Omron Electronics LLC
J7KNA OMRON-J7KNA Datasheet
174Kb / 10P
   AC & DC operated
logo
AVAGO TECHNOLOGIES LIMI...
AEDC-55XX AVAGO-AEDC-55XX Datasheet
430Kb / 9P
   High Resolution Two or Three Channel Quick Assembly Encoders With Connector Latch
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com