Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3256M Datasheet(PDF) 2 Page - Harris Corporation

Part # CA3256M
Description  25MHz, BiMOS Analog Video Switch and Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3256M Datasheet(HTML) 2 Page - Harris Corporation

  CA3256M Datasheet HTML 1Page - Harris Corporation CA3256M Datasheet HTML 2Page - Harris Corporation CA3256M Datasheet HTML 3Page - Harris Corporation CA3256M Datasheet HTML 4Page - Harris Corporation CA3256M Datasheet HTML 5Page - Harris Corporation CA3256M Datasheet HTML 6Page - Harris Corporation CA3256M Datasheet HTML 7Page - Harris Corporation CA3256M Datasheet HTML 8Page - Harris Corporation CA3256M Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
8-2
Block Diagram
Switch Control Logic
CHANNEL
NUMBER
C
A
B
ENABLE
10001
20011
30101
40111
5 + (1-4) (Note)
1
Channel 1-4
1
5
1
Channel 5 Only
0
None
0
X
X
0
NOTE: For Maximum Video Bandwidth, Use Single Channel Selections
+
TG
A
B
C
V-
ENABLE
V+
15
17
13
3
1
5
4
3
2
1
14
6
16
18
5
7
IN/OUT
8
1K
AMPLIFIER
OUTPUT
9
4
2
10
11
12
CHANNEL 1
CHANNEL 2
CHANNEL 3
CHANNEL 4
FEED BACK
LOGIC
LEVEL
CONV.
BINARY
TO
1 OF 4
WITH
ENABLE
V-
V+
IN
OUT
SW
OPEN
IN
OUT
SW
CLOSED
IN
OUT
SW
CONTROL
TG
TG
TG
TG
TG
LED DRIVER
OUTPUTS
10K
10K
-
BIAS
REG
(DIP PIN OUT)
CA3256


Similar Part No. - CA3256M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
CA3251 ETC-CA3251 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252E INTERSIL-CA3252E Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3252M INTERSIL-CA3252M Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
More results

Similar Description - CA3256M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
logo
National Semiconductor ...
LM1044 NSC-LM1044 Datasheet
177Kb / 10P
   Analog Video Switch
logo
STMicroelectronics
AN2472 STMICROELECTRONICS-AN2472 Datasheet
143Kb / 11P
   STMAV340 analog video switch
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
New Japan Radio
NJM2223 NJRC-NJM2223 Datasheet
245Kb / 6P
   VIDEO SWITCH WITH 8dB AMPLIFIER
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A_15 Datasheet
342Kb / 15P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330_14 Datasheet
359Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
SG Micro Corp
SGM330A SGMICRO-SGM330A Datasheet
491Kb / 13P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Union Semiconductor, In...
UM330 UNIONSEMI-UM330 Datasheet
221Kb / 8P
   Quad, Wide-Bandwidth SPDT Video Analog Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
   4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com