Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

300BS14-U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 300BS14-U
Description  4 Matched NPN Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

300BS14-U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  300BS14-U Datasheet HTML 1Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 2Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 3Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 4Page - List of Unclassifed Manufacturers 300BS14-U Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The THAT 300, 320 and 340 are available in 14-pin
PDIP and 14-pin surface mount (SOIC) packages.
Package dimensions are shown below.
The 300-series packages are entirely lead-free. The
lead-frames are copper, plated with successive layers of
nickel, palladium, and gold. This approach makes it
possible to solder these devices using lead-free and lead-
bearing solders.
Neither the lead-frames nor the plastic mold
compounds used in the 300-series contains any hazard-
ous substances as specified in the European Union's
Directive on the Restriction of the Use of Certain Hazard-
ous Substances in Electrical and Electronic Equipment
2002/95/EG of January 27, 2003. The surface-mount
package is suitable for use in a 100% tin solder process.
Document 600041 Rev 02
Page 4 of 5
THAT 300 Series Transistor Array ICs
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 508 478 9200; Fax: +1 508 478 0990; Web: www.thatcorp.com
Copyright © 2010, THAT Corporation. All rights reserved.
0.750±0.004
(19.05±0.10)
0.25±.004
(6.35±0.10)
0.30 ±0.02
(7.62 ±0.5)
0.060
(1.52)
0.075
(1.91)
0.10 Typ.
(2.54)
0.018
(0.46)
0.125±0.004
(3.18±0.10)
Typ.
1
0.010
(0.25)
Figure 4. Dual-In-Line Package Outline
0.050
(1.27)
Typ
0.245
(6.2)
Max
0.157
(3.99)
Max
0.018 (0.46)
Max
0.344 (8.74)
Max
0.069
(1.75)
Max
0.010
(0.25)
Max
1
Figure 5. Surface-Mount Package Outline
Packaging and Soldering Information
Parameter
Symbol
Conditions
Typ
Units
Through-hole package
See Fig. 4 for dimensions
14 Pin PDIP
Thermal Resistance
θJA
DIP package soldered to board
100
ºC/W
Environmental Regulation Compliance
Complies with January 27, 2003 RoHS requirements
Surface mount package
See Fig. 5 for dimensions
14 Pin SOP
Thermal Resistance
θJA
SO package soldered to board
100
ºC/W
Soldering Reflow Profile
JEDEC JESD22-A113-D (250 ºC)
Moisture Sensitivity Level
MSL Above-referenced JEDEC soldering profile
1
Environmental Regulation Compliance
Complies with RoHS requirements
Package Characteristics


Similar Part No. - 300BS14-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300BS14-U ETC2-300BS14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
More results

Similar Description - 300BS14-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
300P14-U ETC2-300P14-U Datasheet
99Kb / 5P
   4 Matched NPN Transistors
logo
NXP Semiconductors
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV_15 Datasheet
138Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Diotec Semiconductor
BCM846BS DIOTEC-BCM846BS Datasheet
151Kb / 2P
   SMD Matched NPN Transistors
logo
Seme LAB
BFY81 SEME-LAB-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
logo
TT Electronics.
BFY81 TTELEC-BFY81 Datasheet
177Kb / 3P
   SILICON DUAL MATCHED NPN TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com