Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMJ316BB7473KLHT Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # QMJ316BB7473KLHT
Description  Soft Termination MLCC for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QMJ316BB7473KLHT Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  QMJ316BB7473KLHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QMJ316BB7473KLHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
Mar-2014
RoHS compliance product
QMJ212KB7102K(M)DHT
HMJ212BB7104K(M)GHT
250V 2012 X7R 1000pF +/-10(20)% t=1.0mmMAX
100V 2012 X7R 0.1uF +/-10(20)% t=1.45mmMAX
250V 0805 X7R 1000pF +/-10(20)% t=0.039inchMAX 100V 0805 X7R 0.1uF +/-10(20)% t=0.057inchMAX
SMJ316B7102K(M)FHT
LMJ316BB7226K(M)LHT
630V 3216 X7R 1000pF +/-10(20)% t=1.25mmMAX
10V 3216 X7R 22uF +/-10(20)% t=1.9mmMAX
630V 1206 X7R 1000pF +/-10(20)% t=0.049inchMAX 10V 1206 X7R 22uF +/-10(20)% t=0.075inchMAX
SMJ325B7223K(M)NHT
HMJ325AB7225K(M)MHT
630V 3225 X7R 0.022uF +/-10(20)% t=2.1mmMAX
100V 3225 X7R 2.2uF +/-10(20)% t=2.8mmMAX
630V 1210 X7R 0.022uF +/-10(20)% t=0.083inchMAX 100V 1210 X7R 2.2uF +/-10(20)% t=0.11inchMAX
10
Capacitance Temp.
100000
1000000
10000000
Impedance Freq.
①QMJ212KB7102_DHT
②HMJ212BB7104_GHT
③SMJ316B7102 FHT
100000
1000000
10000000
Impedance Freq.
①QMJ212KB7102_DHT
②HMJ212BB7104_GHT
③SMJ316B7102 FHT
0
10
Capacitance Temp.
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
-30
-20
-10
0
-55
-35
-15
5
25
45
65
85
105
125
Temperature[degreeC]
①HMJ212BB7104_GHT
②SMJ316B7102_FHT
③SMJ325B7223_NHT
0.01
0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
1000
10000
Frequency[MHz]
②HMJ212BB7104_GHT
③SMJ316B7102_FHT
④LMJ316BB7226_LHT
⑤SMJ325B7223_NHT
⑥HMJ325AB7225_MHT
0.01
0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
1000
10000
Frequency[MHz]
②HMJ212BB7104_GHT
③SMJ316B7102_FHT
④LMJ316BB7226_LHT
⑤SMJ325B7223_NHT
⑥HMJ325AB7225_MHT
-30
-20
-10
0
-55
-35
-15
5
25
45
65
85
105
125
Temperature[degreeC]
①HMJ212BB7104_GHT
②SMJ316B7102_FHT
③SMJ325B7223_NHT
Before making final selection, please check product specification.


Similar Part No. - QMJ316BB7473KLHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QMJ316BB7473KL8T TAIYO-YUDEN-QMJ316BB7473KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - QMJ316BB7473KLHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7224KGHT TAIYO-YUDEN-HMJ212BB7224KGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ212KB7102MDHT TAIYO-YUDEN-HMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ316BB7106KLHT TAIYO-YUDEN-EMJ316BB7106KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ325KB7226KMHT TAIYO-YUDEN-EMJ325KB7226KMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ325KB7226MMHT TAIYO-YUDEN-EMJ325KB7226MMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
GMJ316AB7225KLHT TAIYO-YUDEN-GMJ316AB7225KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
GMJ316BB7106MLHT TAIYO-YUDEN-GMJ316BB7106MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104KLHT TAIYO-YUDEN-HMJ316BB7104KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7105KLHT TAIYO-YUDEN-HMJ316BB7105KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7224KLHT TAIYO-YUDEN-HMJ316BB7224KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
TMJ316BB7475KLHT TAIYO-YUDEN-TMJ316BB7475KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com