Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3262AE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3262AE
Description  Quad-Gated, Inverting Power Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3262AE Datasheet(HTML) 5 Page - Intersil Corporation

  CA3262AE Datasheet HTML 1Page - Intersil Corporation CA3262AE Datasheet HTML 2Page - Intersil Corporation CA3262AE Datasheet HTML 3Page - Intersil Corporation CA3262AE Datasheet HTML 4Page - Intersil Corporation CA3262AE Datasheet HTML 5Page - Intersil Corporation CA3262AE Datasheet HTML 6Page - Intersil Corporation CA3262AE Datasheet HTML 7Page - Intersil Corporation CA3262AE Datasheet HTML 8Page - Intersil Corporation CA3262AE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Performance Curves
FIGURE 4A. TYPICAL SUPPLY CURRENT (PIN 11)
CHARACTERISTICS
FIGURE 4B. TYPICAL COLLECTOR-TO-EMITTER SATURATION
VOLTAGE CHARACTERISTICS IN QUAD-GATED
INVERTING POWER DRIVER OUTPUT
FIGURE 4C. TYPICAL PROPAGATION DELAY TIME CHARAC-
TERISTICS
FIGURE 4D. TYPICAL CLAMP-DIODE FORWARD VOLTAGE
CHARACTERISTICS
FIGURE 4. TYPICAL CHARACTERISTICS OF THE CA3262E
CURRENT
AMPLIFIER
CURRENT
SENSE
TEMP.
SENSE
BANDGAP
VOLT. REF.
IB
FIGURE 3. EACH OUTPUT POWER DRIVER IS A COMPOSITE CIRCUIT WITH OVER-TEMPERATURE SENSE FOR THERMAL
LIMITING AND OVER-CURRENT SENSE TO PROVIDE CURRENT LIMITING
80
70
60
50
40
30
20
10
0
SUPPLY VOLTAGE (VCC) = 5.5V
VIN = 2V, IOUT = 250mA (EACH)
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (oC)
THERMAL SHUTDOWN
VIN = 0V, IOUT = 0mA
140
0.7
0.6
0.5
0.4
0.3
0.2
0.1
-40
-20
0
20
40
60
80
100
120
SUPPLY VOLTAGE (VCC) = 4.75V
IC = 700mA
IC = 600mA
140
AMBIENT TEMPERATURE (oC)
50%
50%
(OFF)
50%
50%
(ON)
tPHL
tPLH
VOUT
1, 3, 6, 8
(2) (4) (12) (14)
VIN
9, 10, 15, 16
(16) (17) (27) (28)
tPHL
tPLH
4
3
2
1
0
-40
-20
0
20
40
60
80
100
120
AMBIENT TEMPERATURE (oC)
140
-40
-20
0
20
40
60
80
100
120
4
3
2
1
0
IF = 1.5A
IF = 1A
140
AMBIENT TEMPERATURE (oC)
CA3262A, CA3262


Similar Part No. - CA3262AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260A INTERSIL-CA3260A Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260A RENESAS-CA3260A Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Similar Description - CA3262AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
CA3272A INTERSIL-CA3272A Datasheet
91Kb / 10P
   Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
July 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3242 INTERSIL-CA3242 Datasheet
12Kb / 1P
   Quad-Gated Inverting Power Driver For Interfacing Low-Level Logic to High Current Load
August 1998
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com