Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QMJ325B7224MNHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # QMJ325B7224MNHT
Description  Soft Termination MLCC for Automotive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

QMJ325B7224MNHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  QMJ325B7224MNHT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc QMJ325B7224MNHT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
CERAMIC CAPACITORS
Soft Termination MLCC for Automotive / Industrial Applications
QMJ325B7223MNHT
Features
Item Summary
250V, X7R, 0.022μF, ±20%, 1210
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1210/3225
Rated Voltage (max)
250V
Capacitance
0.022μF
Capacitance Tolerance
±20%
Resistance
100 MΩ・μF min.
Dielectric Loss Tangent
2.5%MAX
Temperature Characteristics (EIA/JIS)
X7R/-
Temperature Range (EIA/JIS)
-55 to +125℃/-
Capacitance Change (EIA/JIS)
±15/-%
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
3.2mm ±0.30
W
2.5mm ±0.20
T
1.9mm ±0.20
e
0.6mm +0.4/-0.3
2015.02.23
1 / 1


Similar Part No. - QMJ325B7224MNHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
QMJ325B7224MN8T TAIYO-YUDEN-QMJ325B7224MN8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
More results

Similar Description - QMJ325B7224MNHT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HMJ212BB7224KGHT TAIYO-YUDEN-HMJ212BB7224KGHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ212KB7102MDHT TAIYO-YUDEN-HMJ212KB7102MDHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ316BB7106KLHT TAIYO-YUDEN-EMJ316BB7106KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ325KB7226KMHT TAIYO-YUDEN-EMJ325KB7226KMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
EMJ325KB7226MMHT TAIYO-YUDEN-EMJ325KB7226MMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
GMJ316AB7225KLHT TAIYO-YUDEN-GMJ316AB7225KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
GMJ316BB7106MLHT TAIYO-YUDEN-GMJ316BB7106MLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7104KLHT TAIYO-YUDEN-HMJ316BB7104KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7105KLHT TAIYO-YUDEN-HMJ316BB7105KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
HMJ316BB7224KLHT TAIYO-YUDEN-HMJ316BB7224KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
TMJ316BB7475KLHT TAIYO-YUDEN-TMJ316BB7475KLHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com