Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KL732ATTE56N Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # KL732ATTE56N
Description  Excellent for high frequency applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732ATTE56N Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  KL732ATTE56N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732ATTE56N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732ATTE56N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732ATTE56N Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
218
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
1/03/13
KL73
thin film inductor
features
Excellent for high frequency applications
Low DC resistance and high Q
Operating temperature: -40°C ~ +125°C
Low tolerance ±2% available
Small size allows for high density mounting
(1E, 1J, 2A, 2B)
Marking: Yellow marking on blue protective coating
(1E, 1J, 2A, 2B)
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
AEC-Q200 Qualified
ordering information
4N7: 4.7nH
47N: 47nH
T: Sn
B: ±0.1nH
C: ±0.2nH
G: ±2%
J: ±5%
1E: 0402
1J: 0603
2A: 0805
2B: 1206
TP: 7" paper 2mm pitch
(1E only - 10,000 pieces/reel)
TE: 7" embossed plastic 4mm pitch
(1J, 2A, 2B - 4,000 pieces/reel)
KL73
Type
SizeCode
Tolerance
Nominal
Inductance
Termination
Material
Packaging
NewPart#
2A
TE
G
4N7
T
dimensions and construction
Insulation
Film
L
W
t
d
Ceramic
Substrate
Inner
Electrode
Coil
Pattern
Direction
Mark
c
c
Marking
Protective
Coating
Electrode
Type
L
1E
(0402) .039±.004
(1.0±0.1)
.016 +.008
-.004
(0.4 +0.2)
-0.1
.02±.002
(0.5±0.05)
.006±.004
(0.15±0.1)
.01±.004
(0.25±0.1)
.014±.002
(0.35±0.05)
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.1)
.024±.004
(0.6±0.1)
.012±.004
(0.3±0.1)
.02±.008
(0.5±0.2)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
1J
(0603)
.02±.004
(0.5±0.1)
.012±.004
(0.3±0.2)
.016±.008
(0.4±0.2)
.049±.008
(1.25±0.2)
.079±.008
(2.0±0.2)
2A
(0805)
2B
(1206)
(InchSizeCode)
Wc
d
t
Dimensionsinches(mm)
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
For further information
on packaging, please refer
to Appendix A.
InductanceMarking
Part1J(nH)
Marking
1.0
L1
1.2
L2
1.5
L3
1.8
L4
2.2
22
2.7
27
3.3
33
3.9
39
4.7
47
5.6
56
6.8
68
8.2
82
Part1J(nH)
Marking
10
10
12
12
2A
2B
Ex. = 2.2 = 2.2nH
Ex. = 2N2 = 2.2nH
Ex. = 15 = 15nH
Ex. = 15N = 15nH
15
15
18
H1
22
H2
27
H3
33
H4
39
H5
47
H6
56
H7
68
H8
82
H9
Value(nH)
2.2-8.2
Part
Marking
Value(nH)
10andhigher
No marking on 1E (0402)
EU


Similar Part No. - KL732ATTE56N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE56N KOA-KL732ATTE56N Datasheet
133Kb / 4P
   thin film inductor
KL732ATTE56N KOA-KL732ATTE56N Datasheet
114Kb / 7P
   Thin Film Chip Inductors
KL732ATTE56N KOA-KL732ATTE56N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
More results

Similar Description - KL732ATTE56N

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCEC1708 ALLIED-PCEC1708 Datasheet
2Mb / 2P
   Excellent for High Current Applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
CHC TTELEC-CHC Datasheet
1Mb / 4P
   Excellent high frequency performance
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
Littelfuse
PESD0402-240 LITTELFUSE-PESD0402-240 Datasheet
811Kb / 9P
   ESD protection for high frequency applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com