Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3280E Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3280E
Description  Dual, 9MHz, Operational Transconductance Amplifier (OTA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3280E Datasheet(HTML) 4 Page - Intersil Corporation

  CA3280E Datasheet HTML 1Page - Intersil Corporation CA3280E Datasheet HTML 2Page - Intersil Corporation CA3280E Datasheet HTML 3Page - Intersil Corporation CA3280E Datasheet HTML 4Page - Intersil Corporation CA3280E Datasheet HTML 5Page - Intersil Corporation CA3280E Datasheet HTML 6Page - Intersil Corporation CA3280E Datasheet HTML 7Page - Intersil Corporation CA3280E Datasheet HTML 8Page - Intersil Corporation CA3280E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Peak Output Current Sink and
Source
IOM-,
IOM+
IABC = 500µA, TA = Full
Temperature Range
350
450
550
350
450
550
µA
Linearization Diodes
ID = 100µA
-
10
-
-
10
-
µA
Offset Current
ID = 10µA
-
0.5
1
-
0.5
1
µA
Dynamic Impedance
ID = 100µA
-
700
-
-
700
-
Diode Network Supply Current
IABC = 100µA
250
400
800
250
400
800
µA
Amplifier Supply Current
(Per Amplifier)
I+
IABC = 500µA
-
2
2.4
-
2
2.4
mA
Amplifier Output Leakage Current
IOL
IABC = 0, VO = 0V
-
0.015
0.1
-
0.015
0.1
nA
IABC = 0, VO = 30V
-
0.15
1
-
0.15
1
nA
Common Mode Rejection Ratio
CMRR
IABC = 100µA
80
100
-
94
100
-
dB
Power Supply Rejection Ratio
PSRR
IABC = 100µA
86
105
-
94
105
-
dB
Open Loop Voltage Gain
AOL
IABC = 100µA,
RL = ∞, VO = 20VP-P
94
100
-
94
100
-
dB
50
100
-
50
100
-
kV/V
Forward Transconductance
GM
IABC =50µA, Large Signal
-
0.8
1.2
-
0.8
1.2
mS
gM
IABC = 1mA, Small Signal
-
16
22
-
16
22
mS
Input Resistance
RI
IABC = 10µA
0.5
-
-
0.5
-
-
M
Channel Separation
f = 1kHz
-
94
-
-
94
-
dB
Open Loop Total
Harmonic Distortion
THD
f = 1kHz, IABC = 1.5mA,
RL = 15kΩ, VO = 20VP-P
-
0.4
-
-
0.4
-
%
Bandwidth
fT
IABC = 1mA, RL = 100Ω
-
9
-
-
9
-
MHz
Slew Rate, Open Loop
SR
IABC = 1mA
-
125
-
-
125
-
V/
µs
Capacitance
CI
IABC = 100µA
Input
-
4.5
-
-
4.5
-
pF
CO
Output
-
7.5
-
-
7.5
-
pF
Output Resistance
RO
IABC = 100µA
-
63
-
-
63
-
M
Test Circuits and Waveforms
FIGURE 1. LEAKAGE CURRENT TEST CIRCUIT
FIGURE 2. CHANNEL SEPARATION TEST CIRCUIT
Electrical Specifications
For Equipment Design, at TA = 25
oC, V
SUPPLY = ±15V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3280
CA3280A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
1/2
+
-
13
CA3280
3
14
4
1
16
15
I
30V
0V
TEST
POINT
+30V
1/2
+
-
13
CA3280
4
14
3
15
16
V+
0.1
µF
OUTPUT
10k
V+
V-
INPUT
30k
0.1
µF
1k
1k
30k
CA3280, CA3280A


Similar Part No. - CA3280E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280E INTERSIL-CA3280E Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280E RENESAS-CA3280E Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3280E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3094 INTERSIL-CA3094 Datasheet
241Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
April 1999
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com