Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3290AE Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3290AE
Description  BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3290AE Datasheet(HTML) 7 Page - Intersil Corporation

  CA3290AE Datasheet HTML 1Page - Intersil Corporation CA3290AE Datasheet HTML 2Page - Intersil Corporation CA3290AE Datasheet HTML 3Page - Intersil Corporation CA3290AE Datasheet HTML 4Page - Intersil Corporation CA3290AE Datasheet HTML 5Page - Intersil Corporation CA3290AE Datasheet HTML 6Page - Intersil Corporation CA3290AE Datasheet HTML 7Page - Intersil Corporation CA3290AE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 10. INPUT CURRENT vs INPUT COMMON MODE
VOLTAGE
FIGURE 11. POSITIVE COMMON MODE INPUT VOLTAGE
RANGE vs SUPPLY VOLTAGE
FIGURE 12. NEGATIVE COMMON MODE INPUT VOLTAGE
RANGE vs SUPPLY VOLTAGE
FIGURE 13. INPUT CURRENT vs TEMPERATURE
FIGURE 14. OUTPUT SATURATION VOLTAGE vs OUTPUT SINK CURRENT
Typical Performance Curves (Continued)
TA = 25
oC
INPUT COMMON MODE VOLTAGE (V)
3.0
3.0
3.5
4.0
4.5
V+ = +5V, V- = GND
2.5
0
1.0
2.0
4.0
5.0
125oC
25oC
POSITIVE SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-55oC
-55oC
125oC
25oC
NEGATIVE SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
V+ = +15V, V- = -15V
TEMPERATURE (oC)
0
20
40
60
80
100
120
140
1
10
100
1K
10K
VCM = 0V
V+ = 5V, V- = 0V
VCM = 1.4V
OUTPUT SINK CURRENT
10
µA
100
µA
1mA
10mA
125oC
25oC
-55oC
125oC
25oC
-55oC
1mV
10mV
100mV
1V
10V
CA3290, CA3290A


Similar Part No. - CA3290AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290AE INTERSIL-CA3290AE Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
More results

Similar Description - CA3290AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290_04 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com