Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3304AE Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3304AE
Description  4-Bit, 25 MSPS, Flash A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304AE Datasheet(HTML) 5 Page - Intersil Corporation

  CA3304AE Datasheet HTML 1Page - Intersil Corporation CA3304AE Datasheet HTML 2Page - Intersil Corporation CA3304AE Datasheet HTML 3Page - Intersil Corporation CA3304AE Datasheet HTML 4Page - Intersil Corporation CA3304AE Datasheet HTML 5Page - Intersil Corporation CA3304AE Datasheet HTML 6Page - Intersil Corporation CA3304AE Datasheet HTML 7Page - Intersil Corporation CA3304AE Datasheet HTML 8Page - Intersil Corporation CA3304AE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4-11
Functional Diagram
Timing Diagrams
FIGURE 1. TIMING DIAGRAM
FIGURE 2. OUTPUT ENABLE/DISABLE TIMING
Cascaded Auto Balance (CAB)
NOTE: CE1 and CE2 inputs and data outputs have standard CMOS protection networks to VDD and VSS. Analog inputs and clock have
standard CMOS protection networks to VAA+ and VAA-.
9
7
1
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
DQ
CLK
5
2
3
4
6
ENCODER
LOGIC
ARRAY
D
LATCH
16
Q
COUNT
16
COUNT
8
D
LATCH
8
Q
D
LATCH
0
Q
COUNT
1
8
14
VAA-VSS
CAB COMPARATOR #1
φ1 (AUTO BALANCE)
φ2 (SAMPLE UNKNOWN)
50k
CLOCK
15
13
VREF-
VREF+
VIN
12
11
16
10
VAA+VDD
φ1
φ1
φ1
φ1
φ2
φ2
1/
2R
1/
2R
R
R
R
CAB #8
CAB #16
OUTPUT
REGISTER
THREE-STATE
DRIVERS
DATA
CHANGE
OVERFLOW
BIT 4
BIT 3
BIT 2
BIT 1 (LSB)
CE1
CE2
R
CLOCK
B1 - B4, DC & OF
COMPARATOR DATA
DATA VALID 2
φ 1
φ 2
tHO
1
1
0
0
AUTO
BALANCE
AUTO
BALANCE
AUTO
BALANCE
SAMPLE 1
SAMPLE 2
SAMPLE 3
LATCHED
DATA SHIFTED INTO
OUTPUT REGISTERS
DATA VALID 1
DATA VALID 0
tD
BITS 1-4
DC, OF
tDIS
HIGH
CE2
CE1
IMPEDANCE
HIGH
IMPEDANCE
HIGH
IMPEDANCE
tEN
tEN
tDIS
CA3304, CA3304A


Similar Part No. - CA3304AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304AE INTERSIL-CA3304AE Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results

Similar Description - CA3304AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com