Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3420A Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3420A
Description  0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3420A Datasheet(HTML) 5 Page - Intersil Corporation

  CA3420A Datasheet HTML 1Page - Intersil Corporation CA3420A Datasheet HTML 2Page - Intersil Corporation CA3420A Datasheet HTML 3Page - Intersil Corporation CA3420A Datasheet HTML 4Page - Intersil Corporation CA3420A Datasheet HTML 5Page - Intersil Corporation CA3420A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
CA3420, CA3420A
Dual-In-Line Plastic Packages (PDIP)
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)
C
A
M
BS
NOTES:
1. Controlling Dimensions: INCH. In case of conflict between
English and Metric dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section
2.2 of Publication No. 95.
4. Dimensions A, A1 and L are measured with the package seated
in JEDEC seating plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protru-
sions. Mold flash or protrusions shall not exceed 0.010 inch
(0.25mm).
6. E and
are measured with the leads constrained to be per-
pendicular to datum
.
7. eB and eC are measured at the lead tips with the leads uncon-
strained. eC must be zero or greater.
8. B1 maximum dimensions do not include dambar protrusions.
Dambar protrusions shall not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3,
E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch
(0.76 - 1.14mm).
eA
-C-
E8.3 (JEDEC MS-001-BA ISSUE D)
8 LEAD DUAL-IN-LINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.210
-
5.33
4
A1
0.015
-
0.39
-
4
A2
0.115
0.195
2.93
4.95
-
B
0.014
0.022
0.356
0.558
-
B1
0.045
0.070
1.15
1.77
8, 10
C
0.008
0.014
0.204
0.355
-
D
0.355
0.400
9.01
10.16
5
D1
0.005
-
0.13
-
5
E
0.300
0.325
7.62
8.25
6
E1
0.240
0.280
6.10
7.11
5
e
0.100 BSC
2.54 BSC
-
eA
0.300 BSC
7.62 BSC
6
eB
-
0.430
-
10.92
7
L
0.115
0.150
2.93
3.81
4
N8
8
9
Rev. 0 12/93


Similar Part No. - CA3420A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3420 INTERSIL-CA3420 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420E INTERSIL-CA3420E Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Renesas Technology Corp
CA3420E RENESAS-CA3420E Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420EZ INTERSIL-CA3420EZ Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
More results

Similar Description - CA3420A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A Datasheet
192Kb / 8P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA5420A RENESAS-CA5420A Datasheet
558Kb / 9P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Intersil Corporation
CA5420A INTERSIL-CA5420A_05 Datasheet
213Kb / 7P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
logo
Renesas Technology Corp
CA3420 RENESAS-CA3420 Datasheet
330Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Intersil Corporation
CA3420 INTERSIL-CA3420_05 Datasheet
216Kb / 5P
   0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
logo
Analog Devices
PM208 AD-PM208_15 Datasheet
1Mb / 4P
   LOW INPUT CURRENT OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155A LINER-LF155A Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com