Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC860W
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC860W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC860W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC860W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BC860W Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
BC859W,BC860W
(KC859W,KC860W)
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
BC859W
-30
BC860W
-50
BC859W
-30
BC860W
-45
VEBO
IE= -100μA, IC=0
-5
BC859W
VCB= -30 V , IE=0
-100
nA
BC859W
VCB= -30 V , IE=0,TJ = 25℃
-4
uA
BC860W
VCB= -50 V , IE=0
-15
nA
BC860W
VCB= -50 V , IE=0,TJ = 25℃
-4
uA
IEBO
VEB= -5V , IC=0
-100
nA
IC=-10 mA, IB=-0.5mA
-0.3
IC=-100 mA, IB=-5mA
-0.65
VBE(sat) IC=-100 mA, IB=-5mA
-1.2
VCE= -5V, IC= -2mA
0.6
0.75
VCE= -5V, IC= -10mA
0.82
BCW859W,860W
220
800
BCW859BW,860BW
220
475
BCW859CW,860CW
420
800
BCW859BW,860BW
BCW859CW,860CW
Cob
VCB= -10 V, IE=ie=0,f=1MHz
5
Ce
VEB= -0.5V, IC=ic=0,f=1MHz
10
Transition frequency
fT
VCE= -5V, IC= -10mA,f=100MHz
100
MHz
Emitter output capacitance
pF
Collector output capacitance
4
4
dB
Noise Figure
NF
BCW859W,860W
IC = -200 u A; VCE = -5 V;
RS = 2 kΩ;f = 10 Hz to 15.7 kHz
IC=-200 u A; VCE = -5 V;
RS = 2 kΩ,f = 1 kHz; B = 200 Hz
Base - emitter voltage
VBE
V
hFE
VCE= -5V, IC= -2mA
Emitter cut-off current
Collector-emitter saturation voltage
VCE(sat)
Base - emitter saturation voltage
Parameter
Collector- base breakdown voltage
Collector- emitter breakdown voltage
VCBO
VCEO
DC current gain
V
Ic= -100 μA, IE=0
Ic= -1 mA, IB=0
Emitter - base breakdown voltage
Collector-base cut-off current
ICBO
CLASSIFICATION OF hFE
Type
BC859W
BC859BW
BC859CW
BC860W
BC860BW
BC860CW
Range
220-800
220-475
420-800
220-800
220-475
420-800
Marking
4D*
4B*
4C*
4H*
4F*
4G*


Similar Part No. - BC860W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860W PHILIPS-BC860W Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC860W INFINEON-BC860W Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860W DIOTEC-BC860W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BC860W KEXIN-BC860W Datasheet
50Kb / 2P
   PNP General Purpose Transistor
BC860W KEXIN-BC860W Datasheet
69Kb / 2P
   PNP General Purpose Transistors
More results

Similar Description - BC860W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com