Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA3304AD Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3304AD
Description  4-Bit, 25 MSPS, Flash A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304AD Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3304AD Datasheet HTML 3Page - Intersil Corporation CA3304AD Datasheet HTML 4Page - Intersil Corporation CA3304AD Datasheet HTML 5Page - Intersil Corporation CA3304AD Datasheet HTML 6Page - Intersil Corporation CA3304AD Datasheet HTML 7Page - Intersil Corporation CA3304AD Datasheet HTML 8Page - Intersil Corporation CA3304AD Datasheet HTML 9Page - Intersil Corporation CA3304AD Datasheet HTML 10Page - Intersil Corporation CA3304AD Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
4-14
FIGURE 12A. TYPICAL CA3304 UNIPOLAR CIRCUIT CONFIGURATION
FIGURE 12B. TYPICAL CA3304 BIPOLAR CIRCUIT CONFIGURATION
FIGURE 12.
Typical Performance Curves (Continued)
CA3304
VAA+
VREF+
VIN
VREF-
VAA-
VDD
CE2
DC, OF,
B1-B4
CLK
CE1
VSS
OUTPUT DATA
CMOS CLOCK
SOURCE
DIGITAL
GROUND
ANALOG
GROUND
50
+5V SUPPLY
27
2V REFERENCE
4.7
µF TAN
+
+
+
4.7
µF TAN
0.1
µF
CER
0.1
µF
CER
4.7
µF TAN
0.1
µF
CER
REMOTE
2V INTO 50
SOURCE
CA3304
VAA+
VREF+
VIN
VREF-
VAA-
VDD
CE2
DC, OF,
B1 - B4
CLK
CE1
VSS
OUTPUT DATA
CMOS CLOCK
SOURCE
DIGITAL
GROUND
ANALOG
GROUND
50
+5V SUPPLY
27
+1V REFERENCE
4.7
µF TAN
+
+
4.7
µF TAN
0.1
µF
CER
0.1
µF
CER
0.1
µF
CER
REMOTE
±1V INTO 50Ω
SOURCE
-1V
REFERENCE
-1.5V SUPPLY
0.1
µF
CER
4.7
µF TAN
10K
IN914
0.1
µF
CER
0.001
µF
CA3304, CA3304A


Similar Part No. - CA3304AD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304AD INTERSIL-CA3304AD Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results

Similar Description - CA3304AD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com