Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNS14NV04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNS14NV04
Description  fully autoprotected Power MOSFET
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNS14NV04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNS14NV04 Datasheet HTML 3Page - STMicroelectronics VNS14NV04 Datasheet HTML 4Page - STMicroelectronics VNS14NV04 Datasheet HTML 5Page - STMicroelectronics VNS14NV04 Datasheet HTML 6Page - STMicroelectronics VNS14NV04 Datasheet HTML 7Page - STMicroelectronics VNS14NV04 Datasheet HTML 8Page - STMicroelectronics VNS14NV04 Datasheet HTML 9Page - STMicroelectronics VNS14NV04 Datasheet HTML 10Page - STMicroelectronics VNS14NV04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
VNB14NV04, VND14NV04, VND14NV04-1, VNS14NV04
Electrical specification
Doc ID 7393 Rev 9
7/31
2.2
Thermal data
2.3
Electrical characteristics
-40 < Tj < 150 °C unless otherwise specified.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
SO-8
DPAK
IPAK
D2PAK
Rthj-case
Thermal resistance junction-case max
1.7
1.7
1.7
°C/W
Rthj-lead
Thermal resistance junction-lead max
27
°C/W
Rthj-amb
Thermal resistance junction-ambient max
90(1)
65(1)
102
52(1)
°C/W
1.
When mounted on a standard single-sided FR4 board with 0.5 cm2 of Cu (at least 35 µm thick) connected to all DRAIN
pins. Horizontal mounting and no artificial air flow.
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off
VCLAMP Drain-source clamp voltage
VIN=0 V; ID=7 A
40
45
55
V
VCLTH
Drain-source clamp threshold
voltage
VIN=0 V; ID=2 mA
36
V
VINTH
Input threshold voltage
VDS=VIN; ID=1 mA
0.5
2.5
V
IISS
Supply current from input pin
VDS=0 V; VIN=5 V
100
150
µA
VINCL
Input-source clamp voltage
IIN=1 mA
IIN=-1 mA
6
-1.0
6.8
8
-0.3
V
IDSS
Zero input voltage drain current
(VIN=0 V)
VDS=13 V; VIN=0 V; Tj=25 °C
VDS=25 V; VIN=0 V
30
75
µA
On
RDS(on) Static drain-source on resistance
Vin = 5 V ID = 7 A Tj = 25 °C
Vin = 5 V ID = 7 A
35
70
m
Ω
Dynamic (Tj=25°C, unless otherwise specified)
gfs
(1)
Forward transconductance
VDD = 13 V ID = 7 A
18
S
Coss
Output capacitance
VDS = 13 V f = 1 MHz VIN = 0 V
400
pF
Switching
td(on)
Turn-on delay time
VDD = 15 V ID = 7 A
Vgen = 5 V Rgen = RIN MIN =10 Ω
(see Figure 3)
80
250
ns
tr
Rise time
350
1000
ns
td(off)
Turn-off delay time
450
1350
ns
tf
Fall time
150
500
ns


Similar Part No. - VNS14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
510Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
388Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
1Mb / 31P
   OMNIFET II fully autoprotected Power MOSFET
VNS14NV04 STMICROELECTRONICS-VNS14NV04 Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
VNS14NV0413TR STMICROELECTRONICS-VNS14NV0413TR Datasheet
1Mb / 31P
   "OMNIFET II" fully autoprotected Power MOSFET
More results

Similar Description - VNS14NV04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
   fully autoprotected Power MOSFET
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
   FULLY AUTOPROTECTED POWER MOSFET
VND5N07-E STMICROELECTRONICS-VND5N07-E Datasheet
618Kb / 24P
   fully autoprotected Power MOSFET
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
   FULLY AUTOPROTECTED POWER MOSFET
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
   FULLY AUTOPROTECTED POWER MOSFET
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
   FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
   fully autoprotected Power MOSFET
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
   Fully autoprotected power MOSFET
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
   fully autoprotected Power MOSFET
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
   FULLY AUTOPROTECTED POWER MOSFET
VNW50N04A STMICROELECTRONICS-VNW50N04A_04 Datasheet
307Kb / 12P
   FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com