Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA723C Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA723C
Description  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA723C Datasheet(HTML) 1 Page - Intersil Corporation

  CA723C Datasheet HTML 1Page - Intersil Corporation CA723C Datasheet HTML 2Page - Intersil Corporation CA723C Datasheet HTML 3Page - Intersil Corporation CA723C Datasheet HTML 4Page - Intersil Corporation CA723C Datasheet HTML 5Page - Intersil Corporation CA723C Datasheet HTML 6Page - Intersil Corporation CA723C Datasheet HTML 7Page - Intersil Corporation CA723C Datasheet HTML 8Page - Intersil Corporation CA723C Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3-3
File Number
788.4
CA723, CA723C
Voltage Regulators Adjustable from 2V to
37V at Output Currents Up to 150mA
without External Pass Transistors
The CA723 and CA723C are silicon monolithic integrated
circuits designed for service as voltage regulators at output
voltages ranging from 2V to 37V at currents up to 150mA.
Each type includes a temperature-compensated reference
amplifier, an error amplifier, a power series pass transistor,
and a current-limiting circuit. They also provide
independently accessible inputs for adjustable current
limiting and remote shutdown and, in addition, feature low
standby current drain, low temperature drift, and high ripple
rejection.
The CA723 and CA723C may be used with positive and
negative power supplies in a wide variety of series, shunt,
switching, and floating regulator applications. They can
provide regulation at load currents greater than 150mA and
in excess of 10A with the use of suitable NPN or PNP
external pass transistors.
Features
• Up to 150mA Output Current
• Positive and Negative Voltage Regulation
• Regulation in Excess of 10A with Suitable Pass
Transistors
• Input and Output Short-Circuit Protection
• Load and Line Regulation . . . . . . . . . . . . . . . . . . . .0.03%
• Direct Replacement for 723 and 723C Industry Types
• Adjustable Output Voltage . . . . . . . . . . . . . . . . . 2V to 37V
Applications
• Series and Shunt Voltage Regulator
• Floating Regulator
• Switching Voltage Regulator
• High-Current Voltage Regulator
• Temperature Controller
Pinouts
CA723 (PDIP)
TOP VIEW
CA723C (CAN)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
CA0723E
-55 to 125
14 Ld PDIP
E14.3
CA0723T
-55 to 125
10 Pin Can
T10.C
CA0723CE
0 to 70
14 Ld PDIP
E14.3
14
13
12
11
10
9
8
7
6
5
4
3
2
1
+
NC
V-
NON-INV
INPUT
VREF
CURRENT
SENSE
CURRENT
LIMIT
INV
INPUT
VC
VO
VZ
NC
NC
FREQ
COMP
INPUT
V+ UNREG
-
AMP
ERROR
VOLT
REF
+
TAB
CURRENT LIMIT
NON-INV
INPUT
INV
INPUT
CURRENT
SENSE
FREQ
COMP
V+
6
5
4
3
VREF
VO
7 VC
8
2
1
9
10
UNREG
INPUT
-
V-, (CASE INTERNALLY
CONNECTED TO TERM 5)
AMP
ERROR
VOLT
REF
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - CA723C

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA723C HARRIS-CA723C Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA723CE HARRIS-CA723CE Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Harris Corporation
CA723CT HARRIS-CA723CT Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
More results

Similar Description - CA723C

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com