Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22204 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD22204
Description  5V Low Power Subscriber DTMF Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22204 Datasheet(HTML) 5 Page - Intersil Corporation

  CD22204 Datasheet HTML 1Page - Intersil Corporation CD22204 Datasheet HTML 2Page - Intersil Corporation CD22204 Datasheet HTML 3Page - Intersil Corporation CD22204 Datasheet HTML 4Page - Intersil Corporation CD22204 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
71
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Noise will also be reduced by placing a grounded trace
around XIN and XOUT pins on the circuit board layout when
using a crystal. It is important to note that XOUT is not
intended to drive an additional device. XIN may be driven
externally; in this case, leave XOUT floating.
Timing Waveforms
FIGURE 5.
tON
tOFF
PAUSE
ANALOG
INPUT
D1, D2
D4, D8
TONE BURST 1
TONE BURST 2
tD
tR
tSU
tH
DV
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Tone Time
For Detection
tON
40
-
-
ms
For Rejection
tON
-
-
20
ms
Pause Time
For Detection
tOFF
40
-
-
ms
For Rejection
tOFF
-
-
20
ms
Detect Time
tD
25
-
46
ms
Release Time
tR
35
50
ms
Data Setup Time
tSU
7-
-
µs
Data Hold Time
tH
4.2
-
5
ms
Output Enable Time
CL = 50pF, RL = 1kΩ
-
-
200
300
ns
Output Disable Time
CL = 35pF, RL = 500Ω
-
-
150
200
ns
Output Rise Time
CL = 50pF
-
-
200
300
ns
Output Fall Time
CL = 50pF
-
-
160
250
ns
CD22204


Similar Part No. - CD22204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22204 INTERSIL-CD22204 Datasheet
128Kb / 5P
   5V Low Power Subscriber DTMF Receiver
CD22204E INTERSIL-CD22204E Datasheet
128Kb / 5P
   5V Low Power Subscriber DTMF Receiver
CD22204 INTERSIL-CD22204_02 Datasheet
128Kb / 5P
   5V Low Power Subscriber DTMF Receiver
More results

Similar Description - CD22204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
75T204 ETC-75T204 Datasheet
63Kb / 9P
   5V Low-Power Subscriber DTMF Receiver
logo
Intersil Corporation
CD22204 INTERSIL-CD22204_02 Datasheet
128Kb / 5P
   5V Low Power Subscriber DTMF Receiver
logo
List of Unclassifed Man...
SSI75T202 ETC1-SSI75T202 Datasheet
95Kb / 8P
   5V LOW POWER DTMF RECEIVER
SSI204 ETC1-SSI204 Datasheet
54Kb / 4P
   5V LOW POWER DTMF RECEIVER
logo
Intersil Corporation
CD22202 INTERSIL-CD22202 Datasheet
49Kb / 6P
   5V Low Power DTMF Receiver
January 1997
CD22202 INTERSIL-CD22202_02 Datasheet
117Kb / 6P
   5V Low Power DTMF Receiver
logo
Samsung semiconductor
KT3170 SAMSUNG-KT3170 Datasheet
117Kb / 7P
   LOW POWER DTMF RECEIVER
S5T3170 SAMSUNG-S5T3170 Datasheet
140Kb / 10P
   LOW POWER DTMF RECEIVER
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com