Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22354AE Datasheet(PDF) 7 Page - Harris Corporation

Part # CD22354AE
Description  CMOS Single-Chip, Full-Feature PCM CODEC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22354AE Datasheet(HTML) 7 Page - Harris Corporation

Back Button CD22354AE Datasheet HTML 2Page - Harris Corporation CD22354AE Datasheet HTML 3Page - Harris Corporation CD22354AE Datasheet HTML 4Page - Harris Corporation CD22354AE Datasheet HTML 5Page - Harris Corporation CD22354AE Datasheet HTML 6Page - Harris Corporation CD22354AE Datasheet HTML 7Page - Harris Corporation CD22354AE Datasheet HTML 8Page - Harris Corporation CD22354AE Datasheet HTML 9Page - Harris Corporation CD22354AE Datasheet HTML 10Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-171
CD22354A, CD22357A
Hold Time from 3rd Period of Bit
Clock Low to Frame Sync
(FSX or FSR)
tHBFI
Long Frame Sync Pulse
(from 3 to 8-Bit Clock Periods Long)
100
-
-
ns
Minimum Width of the Frame
Sync Pulse (Low Level)
tWFL
64K Bit/s Operating Mode
160
-
-
ns
NOTE:
1. For short frame sync timing, FSX and FSR must go high while their respective bit clocks are high.
Pin Descriptions
PIN NO.
SYMBOL
DESCRIPTION
1
V-
Negative power supply, V- = -5V
±5%.
2
GND
Analog and digital ground. All signals referenced to this pin.
3VFRO
Analog output of RECEIVE FILTER.
4
V+
Positive power supply, V+ = 5V
±5%.
5FSR
Receive Frame Sync Pulse which enables BCLKR to shift PCM data into DR. FSR is an 8kHz PULSE
TRAIN.
6DR
Receive Data Input. PCM data is shifted into DR following the FSR leading edge.
7
BCLKR/CLK-
SEL
The Receive Bit Clock, which shifts data into DR after the frame sync leading edge, may vary from 64kHz
to 2.048MHz. Alternatively, the leading edge may be a logic input which selects either 1.536MHz/
1.544MHz or 2.048MHz for Master Clock in synchronous mode and BCLKX is used for both transmit and
receive directions.
8
MCLKR/PDN
Receive Master Clock. Must be 1.536MHz, 1.544MHz or 2.048MHz. May be asynchronous with MCLKX,
but best performance is realized from synchronous operation. When this pin is continuously connected
low, MCLKX is selected for all internal timing. When this pin is continuously connected high, the device is
powered down.
9
MCLKX
Transmit Master Clock. Must be 1.536MHz, 1.544MHz or 2.048MHz. May be asynchronous with MCLKR,
but best performance is realized from synchronous operation.
10
BCLKX
The Bit Clock which shifts out the PCM Data on DX. May vary from 64kHz to 2.048MHz, but must be syn-
chronous with MCLKX.
11
DX
The THREE-STATE PCM Data Output which is enabled by FSX.
12
FSX
Transmit Frame Sync Pulse input which enables BCLKX to shift out the data on DX. FSX is an 8kHz
PULSE TRAIN.
13
TSX
Open drain output which pulses low during the encoder time slot.
14
GSX
Transmit gain adjust.
15
VFXI-
Inverting input of the transmit input amplifier.
16
VFXI+
Non-inverting input of the transmit input amplifier.
Electrical Specifications
(Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - CD22354AE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301 INTERSIL-CD22301 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
CD22301E INTERSIL-CD22301E Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301E INTERSIL-CD22301E Datasheet
176Kb / 5P
   Monolithic PCM Repeater
CD22301 INTERSIL-CD22301_02 Datasheet
176Kb / 5P
   Monolithic PCM Repeater
More results

Similar Description - CD22354AE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
NEC
UPD9625L NEC-UPD9625L Datasheet
87Kb / 2P
   CMOS PCM CODEC-Filter Combination
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Motorola, Inc
MC14406 MOTOROLA-MC14406 Datasheet
418Kb / 10P
   FULL DUPLEX 8-BIT COMPANDED PCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com