Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR6016 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APR6016
Description  16 min Recording & Playback Voice IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APR6016_15 Datasheet HTML 1Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 2Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 3Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 4Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 5Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
INTEGRATED CIRCUITS INC.--
APR6016
http://www.aplusinc.com.tw
/
24
TEL : 886-2-2782-9266
ver1.4
5
Table 1 Sequential Command Timing
Command
Next command
Timing Symbol
NOP
SID
Any Command
Tnext1
PWRUP
Any Command
Tnext2
STOP_PWDN
PWRUP
Tnext2
SET_REC
REC
STOP, STOP_PWDN, SET_REC, REC, NOP
SET_PLAY
PLAY
STOP, STOP_PWDN, SET_FWD, FWD, SET_PLAY,
PLAY, NOP
SET_FWD
FWD
SET_FWD, FWD, STOP, STOP_PWDN
Within SAC
Low Time
DIG_WRITE
DIG_READ
DIG_ERASE
Any Digital Command, STOP, STOP_PWDN
Note: For partial DIG_READ Tnext2 is measured from the extra
clock low that follows the rise of /CS, not from the rise of /CS
Tnext3
STOP
Any Command
Tnext4
OpCode Command Description
Designers have access to a total of 14 OpCodes.
These OpCodes are listed in Table 2.
The name of the OpCode appears in the left hand
column. The following two columns represent the
actual binary information contained in the 20 bit
data stream. Some commands have limits on which
command can follow them. These limits are shown
in the "Allowable Follow on Commands” column.
The last column summarizes each command.
Combinations of OpCodes can be used to
accommodate almost any memory management
scheme.
Table 2 APR6016 Operational Codes
Instruction
Name
OpCode
(5bit)
Opcode
Parameters (15bit)
Allowable Follow
on Commands
Summary
[op4-op0]
[Address MSB - Address LSB]
[Address 14 - Address 0]
NOP
[00000]
[Don't care]
All Commands
No Operation
SID
[00001]
[Don't care]
All Commands
Causes the silicon ID to be read.
SET_FWD
[00010]
Sector Address
[A14 - A0]
SET_FWD, FWD,
STOP,
STOP_PWDN
Starts a fast forward operation
from the sector address
specified.
FWD
[00011]
[Don't care]
SET_FWD, FWD
STOP,STOP_PWDN
Starts a fast forward operation
from the current sector address.
PWPUP
[00100]
[A14-A10]: all zeros
[A9-A2]:EXTCLK divider ratio
[Al-A0]: Sample Rate
Frequency
All Commands
Resets the device to initial
conditions. Sets the sample
frequency and divider ratios.
STOP
[00110]
[Don't care]
All Commands
Stops the current operation.
STOP_PWDN [00111]
[Don't care]
PWRUP
Stops the current operation.
Causes the device to enter
power down mode.


Similar Part No. - APR6016_15

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
More results

Similar Description - APR6016_15

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
PR33A3 APLUS-PR33A3 Datasheet
1Mb / 27P
   Recording voice IC
logo
List of Unclassifed Man...
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
OKI electronic componet...
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
   Flash-driving Recording and Playback IC
logo
Aplus Intergrated Circu...
PR2060 APLUS-PR2060 Datasheet
1Mb / 28P
   40 ~ 80 sec recording voice IC
logo
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com