Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR9301 Datasheet(PDF) 5 Page - Aplus Intergrated Circuits

Part # APR9301
Description  Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9301 Datasheet(HTML) 5 Page - Aplus Intergrated Circuits

  APR9301 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9301 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS INC.
-
APR9301
http://www.aplusinc.com.tw
Page
/
10
VER2.3
5
Figure 4 shows the same application using external microphone biasing instead of the
microphone amplifier on the APR9301 device, thus bypassing the preamplifier portion
of the chip function.
Figure 4 Sample Application Using External Microphone Biasing :
Notes:
NC=No Connect (must be floating).
Pins 23 and 27 have internal pull-up resistors.
The typical sampling frequency is 6.4kHz with OscR=52kΩ
NPN bipolar transistor,T1 model #MPS3904 or equivalent.
Electrical Characteristics
Tables 2 through 4 list Absolute Maximum Ratings, Recommended DC Characteristics,
and recommended Analog Characteristics for the APR9301 device


Similar Part No. - APR9301

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR9301-V2 APLUS-APR9301-V2 Datasheet
504Kb / 7P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2-1 APLUS-APR9301-V2-1 Datasheet
504Kb / 7P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
More results

Similar Description - APR9301

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2-1 APLUS-APR9301-V2-1 Datasheet
504Kb / 7P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9600 APLUS-APR9600 Datasheet
2Mb / 17P
   SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com