Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA812T-T1 Datasheet(PDF) 5 Page - NEC

Part # UPA812T-T1
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA812T-T1 Datasheet(HTML) 5 Page - NEC

  UPA812T-T1 Datasheet HTML 1Page - NEC UPA812T-T1 Datasheet HTML 2Page - NEC UPA812T-T1 Datasheet HTML 3Page - NEC UPA812T-T1 Datasheet HTML 4Page - NEC UPA812T-T1 Datasheet HTML 5Page - NEC UPA812T-T1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
µPA812T
5
S-PARAMETERS
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.838
–28.0
13.699
156.6
0.022
74.9
0.950
–12.9
200.00
0.730
–50.0
11.577
138.5
0.038
66.2
0.848
–21.0
300.00
0.598
–68.3
9.624
124.0
0.052
58.1
0.734
–27.2
400.00
0.519
–81.6
8.123
115.7
0.059
56.2
0.661
–28.6
500.00
0.459
–93.4
6.915
107.5
0.065
54.1
0.587
–28.8
600.00
0.420
–106.1
6.163
103.3
0.073
56.0
0.559
–29.0
700.00
0.382
–117.3
5.439
95.2
0.079
55.0
0.530
–28.3
800.00
0.350
–127.2
4.972
91.1
0.088
55.4
0.513
–29.1
900.00
0.331
–136.1
4.347
85.3
0.093
56.3
0.498
–29.8
1000.00
0.321
–144.4
3.957
80.7
0.100
55.3
0.476
–31.9
1100.00
0.310
–152.5
3.645
77.8
0.107
56.4
0.453
–32.5
1200.00
0.302
–160.7
3.419
73.9
0.113
55.7
0.426
–33.3
1300.00
0.295
–166.8
3.333
71.6
0.123
56.4
0.412
–32.8
1400.00
0.294
–171.5
3.084
68.0
0.127
56.1
0.395
–32.3
1500.00
0.308
–177.0
2.917
64.8
0.136
54.7
0.394
–32.5
1600.00
0.319
177.6
2.753
62.7
0.141
57.7
0.385
–32.8
1700.00
0.322
170.4
2.629
59.8
0.153
56.1
0.380
–34.9
1800.00
0.322
165.8
2.555
57.3
0.162
56.8
0.370
–36.5
1900.00
0.321
162.0
2.438
53.4
0.170
54.7
0.352
–38.7
2000.00
0.334
159.4
2.365
49.0
0.182
52.7
0.337
–40.1
VCE = 3 V, IC = 7 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.775
–33.7
17.552
151.6
0.020
75.0
0.922
–15.7
200.00
0.638
–58.3
14.050
131.9
0.035
65.7
0.785
–24.3
300.00
0.502
–77.4
11.178
117.2
0.047
58.9
0.661
–29.3
400.00
0.424
–90.9
9.075
109.5
0.054
58.6
0.588
–29.4
500.00
0.371
–102.6
7.636
102.2
0.060
57.7
0.526
–28.8
600.00
0.339
–114.8
6.710
98.8
0.068
60.5
0.500
–28.1
700.00
0.310
–126.0
5.868
91.3
0.075
59.5
0.477
–27.1
800.00
0.289
–135.6
5.329
87.7
0.085
60.2
0.464
–27.6
900.00
0.276
–144.0
4.644
82.4
0.090
60.9
0.453
–28.2
1000.00
0.273
–152.1
4.219
78.2
0.100
59.3
0.432
–30.1
1100.00
0.266
–159.9
3.879
75.6
0.107
61.0
0.416
–30.5
1200.00
0.263
–167.8
3.631
72.0
0.114
59.7
0.389
–31.3
1300.00
0.260
–173.5
3.538
69.8
0.126
59.9
0.377
–30.5
1400.00
0.260
–177.7
3.265
66.4
0.130
59.4
0.361
–30.2
1500.00
0.275
177.5
3.079
63.4
0.140
58.0
0.360
–30.2
1600.00
0.288
172.7
2.904
61.5
0.146
60.3
0.352
–30.5
1700.00
0.294
166.0
2.772
59.0
0.158
58.3
0.346
–32.7
1800.00
0.295
161.7
2.693
56.5
0.169
58.9
0.337
–34.1
1900.00
0.297
158.3
2.569
52.6
0.177
56.5
0.319
–36.1
2000.00
0.309
156.2
2.493
48.3
0.190
54.3
0.303
–37.5


Similar Part No. - UPA812T-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA812T-T1-A CEL-UPA812T-T1-A Datasheet
195Kb / 4P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA812T-T1-A CEL-UPA812T-T1-A Datasheet
485Kb / 3P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA812T-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA811T NEC-UPA811T Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA800T NEC-UPA800T Datasheet
51Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA813T NEC-UPA813T Datasheet
53Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4570 SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA809T NEC-UPA809T Datasheet
66Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPC805T NEC-UPC805T Datasheet
57Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA828TF NEC-UPA828TF Datasheet
92Kb / 20P
   HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com