Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40106BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD40106BMS
Description  CMOS Hex Schmitt Triggers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40106BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD40106BMS Datasheet HTML 1Page - Intersil Corporation CD40106BMS Datasheet HTML 2Page - Intersil Corporation CD40106BMS Datasheet HTML 3Page - Intersil Corporation CD40106BMS Datasheet HTML 4Page - Intersil Corporation CD40106BMS Datasheet HTML 5Page - Intersil Corporation CD40106BMS Datasheet HTML 6Page - Intersil Corporation CD40106BMS Datasheet HTML 7Page - Intersil Corporation CD40106BMS Datasheet HTML 8Page - Intersil Corporation CD40106BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7-1332
Specifications CD40106BMS
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL CURRENT AND VOLTAGE TRANSFER
CHARACTERISTICS
FIGURE 7. TYPICAL VOLTAGE TRANSFER CHARACTERIS-
TICS AS A FUNCTION OF TEMPERATURE
FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A FUNC-
TION OF LOAD CAPACITANCE
FIGURE 9. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
Typical Performance Characteristics (Continued)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
ALL
OTHER
INPUTS TO
VDD OR VSS
VDD
VIN
VO
ID
2
1
VO
ID
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
CURRENT
PEAK
CURRENT
PEAK
15.0
12.5
10.0
7.5
5.0
2.5
0
15.0
12.5
10.0
7.5
5.0
2.5
0
1.5
1.0
0.5
0
INPUT VOLTAGE (VI) (V)
-55oC
+125oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
15
10
5
0
15
10
5
0
INPUT VOLTAGE (VI) (V)
ALL
OTHER
INPUTS TO
VDD OR VSS
VDD
VIN
2
1
VO
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V


Similar Part No. - CD40106BMS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
logo
Texas Instruments
CD40106BM TI-CD40106BM Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD40106BM TI-CD40106BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BM TI1-CD40106BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BM96 TI-CD40106BM96 Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
More results

Similar Description - CD40106BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40106BM96G4 TI-CD40106BM96G4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40106BMG4 TI-CD40106BMG4 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD40106B TI-CD40106B Datasheet
229Kb / 11P
[Old version datasheet]   CMOS HEX SCHMITT TRIGGERS
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
logo
Unisonic Technologies
UCD40106B UTC-UCD40106B_15 Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
STMicroelectronics
HCC40106B STMICROELECTRONICS-HCC40106B Datasheet
305Kb / 13P
   HEX SCHMITT TRIGGERS
logo
Unisonic Technologies
CD40106 UTC-CD40106_12 Datasheet
164Kb / 6P
   HEX SCHMITT TRIGGERS
UCD40106B UTC-UCD40106B Datasheet
179Kb / 6P
   HEX SCHMITT TRIGGERS
logo
Aeroflex Circuit Techno...
UT54ACS14E AEROFLEX-UT54ACS14E Datasheet
130Kb / 11P
   Hex Inverting Schmitt Triggers
UT54ACS14 AEROFLEX-UT54ACS14 Datasheet
231Kb / 9P
   Hex Inverting Schmitt Triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com