Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1256-E3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1256-E3
Description  PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1256-E3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1256-E3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1256-E3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1256-E3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SA1256-E3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
PNP Transistors
2SA1256
IC -- VCE
0
--2
--4
--6
--8
--10
0
--2
--4
--6
--8
--10
IB=0
IB -- VBE
--1.0
--0.6
--0.8
--0.2
--0.4
0
0
--20
--40
--60
--80
--100
VCE=--6V
--70µA
--60µA
--50µA
--40µA
--30µA
--20µA
--10µA
1000
100
10
hFE -- IC
2
3
5 7
3
7
2
5
3
5
2
--0.1
--1.0
--10
2
3
5
7
2
3
5
7
VCE=--12V
--3V
--6V
--1.0
3
3
2
5
7
--10
5
2
7
100
5
7
1000
5
3
2
fT -- IC
VCE=--12V
--6V
VCE=--3V
--12V
--6V
7
--1.0
2
3
--0.1
3
3
2
5 7
5
--10
5
2
1.0
7
10
5
3
2
7
5
3
2
2
Cre -- VCB
f=1MHz
7
--1.0
2
3
--0.1
3
3
2
5 7
5
--10
5
2
10
7
100
5
3
3
2
7
5
3
2
2
rbb' Cc -- IC
f=31.9MHz
Collector-to-Emitter Voltage, VCE – V
Collector-to-Base Voltage, VCB – V
Base-to-Emitter Voltage, VBE – V
Collector Current, IC
I
,t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
A
m
C – mA
Collector Current, IC – mA


Similar Part No. - 2SA1256-E3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1256 SANYO-2SA1256 Datasheet
122Kb / 4P
   High-Frequency Amp Applications
logo
Guangdong Kexin Industr...
2SA1256 KEXIN-2SA1256 Datasheet
36Kb / 1P
   PNP Epitaxial Planar Silicon Transistors
More results

Similar Description - 2SA1256-E3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com