Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISE40-01-62L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ISE40-01-62L
Description  ZSE40F (Compound pressure)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISE40-01-62L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ISE40-01-62L Datasheet HTML 1Page - List of Unclassifed Manufacturers ISE40-01-62L Datasheet HTML 2Page - List of Unclassifed Manufacturers ISE40-01-62L Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Internal circuits and wiring examples
High Precision Digital Pressure Switch
Rated pressure range
Operating pressure range/Set pressure range
Withstand pressure
Set pressure
resolution (Note 1)
Applicable fluid
Power supply voltage
Current consumption
Switch output
Repeatability
Hysteresis
Response time (with anti-chattering function)
Output short circuit protection
Display
Display accuracy
Operation indicator light
Analog output (Note 2)
Auto shift input (Note 3)
Environmental
resistance
Temperature characteristics
Port size
Lead wires
Weight
ZSE40F (Compound pressure)
–100.0 to 100.0kPa
–100.0 to 100.0kPa
500kPa
0.1
0.001
0.001
0.02
0.01
1
0.1
Air, Non-corrosive/Non-flammable gas
12 to 24VDC ±10%, Ripple (p–p) 10% or less
55mA or less
NPN or PNP 2 outputs
Max. load current :
80mA
Max. applied voltage
: 30VDC (with NPN output)
Residual voltage
:
1V or less (with 80mA load current)
±0.2% F.S. ±1digit or less
Variable
Fixed (3 digits) Note4)
2.5ms or less (with anti-chattering function: 24ms, 192ms and 768ms selections)
Yes
3 1/2 digit LED display (sampling cycle: 5 times/sec.)
±2% F.S. ±1 digit or less (at ambient temperature of 25 ±3°C)
Green LED (OUT1: Lights when ON), Red LED (OUT2: Lights when ON)
Output voltage: 1 to 5V
±5% F.S. or less (in rated pressure range)
Linearity: ±1% F.S. or less
Output impedance: Approx. 1k
No-voltage input (reed or solid state), input 5ms or more
IP65
Operating: 0 to 50˚C, Stored: –10 to 60˚C (with no condensation or freezing)
Operating/Stored: 35 to 85% RH (with no condensation)
1000VAC for 1min. between lead wires and body
50M
or more (at 500VDC) between lead wires and body
10 to 500Hz at the smaller of amplitude 1.5mm or acceleration 98m/sX(10G) in X, Y, Z directions for 2hrs. each (deenergized)
980m/sX(100G) in X, Y, Z directions 3 times each (deenergized)
In a temperature range of 0 to 50°C, ±2% F.S. or less of pressure measured at 25°C
01: R1/8, M5 x 0.8, T1: NPT1/8, M5 x 0.8, W1: Rc1/8
C4: With ø4 One-touch fitting, C6: With ø6 One-touch fitting, M5: M5 female threads
5 wire oil resistant heavy duty cord (0.15mmX)
01/T1 types approx. 60g, W1 type approx. 80g, C4/C6/M5 types approx. 92g (each including 0.6m lead wires)
ZSE40 (Vacuum pressure)
0.0 to –101.3kPa
10.0 to –101.3kPa
Output voltage: 1 to 5V ±2.5% F.S. or less (in rated pressure range)
Linearity: ±1% F.S. or less
Output impedance: Approx. 1k
ISE40 (Positive pressure)
0.000 to 1.000MPa
–0.100 to 1.000MPa
1.5MPa
0.001
0.01
0.01
0.1
kPa
MPa
kgf/cmX
bar
psi
mmHg
InHg
Hysteresis mode
Enclosure
Ambient temperature range
Ambient humidity range
Withstand voltage
Insulation resistance
Vibration resistance
Impact resistance
Window comparator mode
22
62
30
70
Setting range
–100.0 to 100.0kPa
–101.3 to 101.3kPa
–1.000 to 1.000MPa
Set pressure range
–100.0 to 100.0kPa
10.0 to –101.3kPa
– 0.1 to 1.000MPa
Note:
When equipped with auto shift function, the following ranges can be set.
Note 1) Equipped with unit switching function
(Types without the unit switching function use SI units (kPa or MPa) only.)
Note 2) For ZSE40 (F)/ISE40-m -
Note 3) For ZSE40 (F)/ISE40-m -
Note 4) For ZSE40F (compound pressure) with "psi" indication, this is 0.03 to 0.04 psi.
Note 5) For ZSE40F (compound pressure) with "psi" indication, zero clear is in the
range of ±0.01 psi.
1k
12 to 24VDC
DC (+)
(Brown)
Analog output
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
1.2k
6.8k
12 to 24VDC
DC (+)
(Brown)
Auto shift input
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
ZSE40 (F)
ISE40-m -
22 (L)-(M)
With analog output
ZSE40 (F)
ISE40-m -
62 (L)-(M)
With analog output
ZSE40 (F)
ISE40-m -
30 (L)-(M)
With auto shift input
ZSE40 (F)
ISE40-m -
70 (L)-(M)
With auto shift input
1k
12 to 24VDC
DC (+)
(Brown)
Analog output
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
1.2k
6.8k
12 to 24VDC
DC (+)
(Brown)
Auto shift input
(Gray)
OUT1
(Black)
OUT2
(White)
DC (–)
(Blue)
1


Similar Part No. - ISE40-01-62L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISE40-T1-22 ETC2-ISE40-T1-22 Datasheet
1Mb / 17P
   High Precision, Digital Pressure Switch
More results

Similar Description - ISE40-01-62L

ManufacturerPart #DatasheetDescription
logo
NEC
HQ1F3P NEC-HQ1F3P Datasheet
111Kb / 6P
   COMPOUND TRANSISTOR
BA1A3Q NEC-BA1A3Q Datasheet
103Kb / 4P
   COMPOUND TRANSISTOR
FB1A4M NEC-FB1A4M Datasheet
111Kb / 8P
   COMPOUND TRANSISTOR
logo
Renesas Technology Corp
BA1A4Z RENESAS-BA1A4Z Datasheet
229Kb / 6P
   COMPOUND TRANSISTOR
2002
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
   Compound Transistor
logo
NEC
BN1L4Z NEC-BN1L4Z Datasheet
85Kb / 4P
   COMPOUND TRANSISTOR
AA1L4Z NEC-AA1L4Z Datasheet
81Kb / 4P
   COMPOUND TRANSISTOR
logo
T-Global Technology
TG-S606P-1 TGLOBAL-TG-S606P-1 Datasheet
588Kb / 1P
   Thermal Compound
logo
NEC
CE1A3Q NEC-CE1A3Q Datasheet
125Kb / 4P
   COMPOUND TRANSISTOR
AA1L3M NEC-AA1L3M Datasheet
83Kb / 4P
   COMPOUND TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com