Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTR25 Datasheet(PDF) 1 Page - Rohm

Part # KTR25
Description  High Voltage Resistance Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KTR25 Datasheet(HTML) 1 Page - Rohm

  KTR25 Datasheet HTML 1Page - Rohm KTR25 Datasheet HTML 2Page - Rohm KTR25 Datasheet HTML 3Page - Rohm KTR25 Datasheet HTML 4Page - Rohm KTR25 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
High Voltage Resistance Chip Resistors
KTR Series
www.rohm.com
c
2014 ROHM Co., Ltd. All rights reserved.
2014.12 - Rev.D
Datasheet
Features
1) Twice the rated voltage of conventional products..
2) Perfect for use in high voltage circuit. (Camera Flash circuit, etc)
3) ROHM resistors have obtained ISO9001 / ISO / TS16949 certification.
4) Corresponds to AEC-Q200. (KTR18)
Products List
Limiting Element
Voltage
(V)
Temperature
Coefficient
(ppm /
°C)
Resistance
Tolerance
(%)
Operating
Temperature
Range
(
°C)
Resistance Range
Part No.
Rated Power
(70
°C)
(W)
0603
0805
1206
1210
E24 : Standard products, E96 : Custom products.
Size
(mm) (inch)
KTR03
KTR10
KTR18
KTR25
1608
2012
3216
3225
0.1
350
400
500
600
0.125
0.25
0.33
−55 to +155
F(
±1%)
J(
±5%)
±200
±100
F(
±1%)
J(
±5%)
±200
±100
F(
±1%)
J(
±5%)
±200
±100
F(
±1%)
J(
±5%)
±200
±100
10M
Ω (E24 Series)
to
1
Ω
10M
Ω (E24,96 Series)
to
1
Ω
30M
Ω (E24 Series)
to
1
Ω
10M
Ω (E24,96 Series)
to
1
Ω
15M
Ω (E24 Series)
to
1
Ω
10M
Ω (E24,96 Series)
to
1
Ω
10M
Ω (E24 Series)
to
1
Ω
10M
Ω (E24,96 Series)
to
1
Ω
Automotive
Grade
Available
YES
YES
YES
YES
Part Number Description
KTR
(High Voltage Resistance
Chip Resistors)
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Ex.)
1
Ω = 1R00 ( ±1% )
1R0
(
±5% )
10
Ω = 10R0 ( ±1% )
100
(
±5% )
1M
Ω = 1004 ( ±1% )
105
(
±5% )
03 (1608
[0603])
10 (2012
[0805])
18 (3216
[1206])
25 (3225
[1210])
D (
±0.5% )
F (
±1% )
J (
±5% )
1 0
EP
Z
T
KR
J0
1
0
Packaging
specifications
Code
Part No.
Paper tape
(4mm Pitch)
EZP
KTR03
5,000
Paper tape
(4mm Pitch)
EZP
KTR10
5,000
Paper tape
(4mm Pitch)
EZP
KTR18
5,000
Embossed tape
(4mm Pitch)
JZP
KTR25
4,000
Part No.
Packaging Specifications Code
Size (mm [inch])
Resistance
Tolerance
Nominal Resistance
F
J
:
:
4 digits
3 digits
Resistance
tolerance
Resistance
code
Quantity
/ Reel


Similar Part No. - KTR25

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR25 ROHM-KTR25 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR25 ROHM-KTR25 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors Corresponds to AEC-Q200.
KTR25 ROHM-KTR25 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR25 ROHM-KTR25 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR25 ROHM-KTR25 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results

Similar Description - KTR25

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ393 ROHM-KTR18EZPJ393 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR25 ROHM-KTR25 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03 Datasheet
69Kb / 4P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03_09 Datasheet
156Kb / 4P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com