Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA814TC-T1 Datasheet(PDF) 7 Page - NEC

Part # UPA814TC-T1
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA814TC-T1 Datasheet(HTML) 7 Page - NEC

Back Button UPA814TC-T1 Datasheet HTML 3Page - NEC UPA814TC-T1 Datasheet HTML 4Page - NEC UPA814TC-T1 Datasheet HTML 5Page - NEC UPA814TC-T1 Datasheet HTML 6Page - NEC UPA814TC-T1 Datasheet HTML 7Page - NEC UPA814TC-T1 Datasheet HTML 8Page - NEC UPA814TC-T1 Datasheet HTML 9Page - NEC UPA814TC-T1 Datasheet HTML 10Page - NEC UPA814TC-T1 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
µPA814TC
Data Sheet P14551EJ1V0DS00
7
VCE = 1 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
0.1
0.692
–65.1
22.317
135.2
0.055
39.5
0.816
–45.5
0.2
0.570
–110.8
15.772
108.7
0.058
40.5
0.557
–77.0
0.3
0.527
–139.5
11.779
90.7
0.073
33.7
0.423
–96.5
0.4
0.501
–162.6
9.207
76.6
0.077
27.3
0.333
–114.3
0.5
0.480
–179.7
7.550
65.0
0.083
23.3
0.269
–129.3
0.6
0.478
165.9
6.376
53.9
0.093
20.3
0.232
–143.4
0.7
0.473
152.6
5.504
44.4
0.103
11.7
0.206
–157.7
0.8
0.478
141.1
4.860
34.7
0.113
6.4
0.188
–171.7
0.9
0.479
129.8
4.350
25.7
0.123
1.4
0.179
175.4
1.0
0.483
119.4
3.932
16.6
0.131
–3.0
0.168
161.8
1.1
0.492
109.4
3.598
7.8
0.142
–10.5
0.169
148.4
1.2
0.495
99.8
3.308
–0.9
0.153
–15.0
0.166
136.8
1.3
0.504
90.5
3.062
–9.5
0.161
–22.5
0.168
123.9
1.4
0.511
81.2
2.859
–18.0
0.171
–28.3
0.170
113.2
1.5
0.519
72.6
2.675
–26.2
0.181
–34.0
0.176
101.2
1.6
0.528
63.7
2.522
–35.0
0.194
–40.9
0.181
89.6
1.7
0.533
55.4
2.368
–43.1
0.200
–47.0
0.187
80.1
1.8
0.545
46.5
2.236
–51.7
0.211
–54.4
0.193
68.5
1.9
0.555
38.2
2.133
–59.8
0.218
–61.9
0.204
59.1
2.0
0.562
29.3
2.012
–68.1
0.226
–68.2
0.209
48.0
2.1
0.569
19.6
1.875
–76.0
0.227
–73.9
0.212
34.5
2.2
0.544
13.9
1.825
–81.9
0.245
–78.6
0.207
34.2
2.3
0.567
7.4
1.780
–90.4
0.258
–86.6
0.234
25.0
2.4
0.579
–0.9
1.707
–98.8
0.266
–93.8
0.248
15.9
2.5
0.588
–8.6
1.639
–106.5
0.274
–101.1
0.262
7.2
2.6
0.597
–16.0
1.580
–114.4
0.286
–108.0
0.271
–1.6
2.7
0.608
–23.4
1.529
–121.9
0.292
–114.4
0.283
–9.5
2.8
0.612
–30.9
1.474
–129.6
0.301
–122.1
0.292
–17.5
2.9
0.622
–38.3
1.431
–137.4
0.307
–128.4
0.302
–26.0
3.0
0.628
–45.4
1.369
–145.2
0.317
–136.4
0.311
–33.4


Similar Part No. - UPA814TC-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA814T CEL-UPA814T Datasheet
157Kb / 4P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA814T RENESAS-UPA814T Datasheet
327Kb / 12P
   SILICON TRANSISTOR
1995
logo
California Eastern Labs
UPA814T-T1-A CEL-UPA814T-T1-A Datasheet
157Kb / 4P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
UPA814TF NEC-UPA814TF Datasheet
18Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA814TC-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA821TC NEC-UPA821TC Datasheet
64Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com