Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40160 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CD40160
Description  CMOS Synchronous Programmable 4-Bit Counters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40160 Datasheet(HTML) 4 Page - Intersil Corporation

  CD40160 Datasheet HTML 1Page - Intersil Corporation CD40160 Datasheet HTML 2Page - Intersil Corporation CD40160 Datasheet HTML 3Page - Intersil Corporation CD40160 Datasheet HTML 4Page - Intersil Corporation CD40160 Datasheet HTML 5Page - Intersil Corporation CD40160 Datasheet HTML 6Page - Intersil Corporation CD40160 Datasheet HTML 7Page - Intersil Corporation CD40160 Datasheet HTML 8Page - Intersil Corporation CD40160 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4-4
Output Current (Source)
IOH15
VDD =15V, VOUT = 13.5V
1, 2
+125oC
-
-2.4
mA
-55oC
-
-4.2
mA
Input Voltage Low
VIL
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
-3
V
Input Voltage High
VIH
VDD = 10V, VOH > 9V, VOL < 1V
1, 2
+25oC, +125oC, -
55oC
7-
V
Propagation Delay
Clock to Q
TPHL1
TPLH1
VDD = 10V
1, 2, 3
+25oC
-
160
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Propagation Delay
Clock to C Out
TPHL2
TPLH2
VDD = 10V
1, 2, 3
+25oC
-
190
ns
VDD = 15V
1, 2, 3
+25oC
-
140
ns
Propagation Delay
TE to C Out
TPHL3
TPLH3
VDD = 10V
1, 2, 3
+25oC
-
110
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Propagation Delay
CD40160BMS,
CD40161BMS Clear to Q
TPHL4
VDD = 10V
1, 2, 3
+25oC
-
220
ns
VDD = 15V
1, 2, 3
+25oC
-
160
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input Fre-
quency
FCL
VDD = 10V
1, 2, 3
+25oC
5.5
-
MHz
VDD = 15V
1, 2, 3
+25oC
8
-
MHz
Maximum Clock Rise or
Fall Time
TRCL
TFCL
VDD = 5V
1, 2, 3, 4
+25oC
-
200
µs
VDD = 10V
1, 2, 3, 4
+25oC-
70
µs
VDD = 15V
1, 2, 3, 4
+25oC-
15
µs
Minimum Data Hold Time
Clock Operation
TH
VDD = 5V
1, 2, 3
+25oC-
0
ns
VDD = 10V
1, 2, 3
+25oC-
0
ns
VDD = 15V
1, 2, 3
+25oC-
0
ns
Minimum Clock Pulse
Width
Clock Operation
TW
VDD = 5V
1, 2, 3
+25oC
-
170
ns
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Setup Time
Data to Clock
TS
VDD = 5V
1, 2, 3
+25oC
-
240
ns
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Minimum Setup Time
Load to Clock
TS
VDD = 5V
1, 2, 3
+25oC
-
240
ns
VDD = 10V
1, 2, 3
+25oC
-
90
ns
VDD = 15V
1, 2, 3
+25oC
-
60
ns
Minimum Setup Time PE
to TE to Clock
TS
VDD = 5V
1, 2, 3
+25oC
-
340
ns
VDD = 10V
1, 2, 3
+25oC
-
140
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Minimum Clear Pulse
Width (CD40160BMS,
CD40161BMS)
TW
VDD = 5V
1, 2, 3
+25oC
-
170
ns
VDD = 10V
1, 2, 3
+25oC
-
70
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Setup Time
Clear to Clock
(CD40162BMS,
CD40163BMS)
TS
VDD = 5V
1, 2, 3
+25oC
-
340
ns
VDD = 10V
1, 2, 3
+25oC
-
140
ns
VDD = 15V
1, 2, 3
+25oC
-
100
ns
Minimum Hold Time
Clear to Clock
(CD40162BMS,
CD40163BMS)
TH
VDD = 5V
1, 2, 3
+25oC-
0
ns
VDD = 10V
1, 2, 3
+25oC-
0
ns
VDD = 15V
1, 2, 3
+25oC-
0
ns
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CD40160BMS, CD40161BMS, CD40162BMS, CD40163BMS


Similar Part No. - CD40160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD401601B TI1-CD401601B Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160B NSC-CD40160B Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
logo
Texas Instruments
CD40160B TI-CD40160B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI1-CD40160B Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160BC NSC-CD40160BC Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results

Similar Description - CD40160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI-CD40160B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com