Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40161 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD40161
Description  CMOS Synchronous Programmable 4-Bit Counters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40161 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CD40161 Datasheet HTML 2Page - Intersil Corporation CD40161 Datasheet HTML 3Page - Intersil Corporation CD40161 Datasheet HTML 4Page - Intersil Corporation CD40161 Datasheet HTML 5Page - Intersil Corporation CD40161 Datasheet HTML 6Page - Intersil Corporation CD40161 Datasheet HTML 7Page - Intersil Corporation CD40161 Datasheet HTML 8Page - Intersil Corporation CD40161 Datasheet HTML 9Page - Intersil Corporation CD40161 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
4-6
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1 Note 1
11 - 15
1 - 10
16
Static Burn-In 2 Note 1
11 - 15
8
1 - 7, 9, 10, 16
Dynamic Burn-In Note 1
-
8
1, 7, 9, 10, 16
11 - 15
2 - 6
-
Irradiation Note 2
11 - 15
8
1 - 7, 9, 10, 16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
Logic Diagrams
FIGURE 1. LOGIC DIAGRAM FOR CD40160BMS AND CD40162BMS BCD DECADE COUNTERS
LD PI
T
CL
CLR
LD PI
T
CL
CLR
LD PI
T
CL
CLR
LD PI
T
CL
CLR
14
13
12
11
15
6
16
5
4
3
10
7
9
2
1
9
2
1
CD40160BMS
ASYNCHRONOUS
CLEAR
CLOCK
*
CLEAR
*
CD40162BMS
SYNCHRONOUS
CLEAR
*INPUTS PROTECTED BY
CMOS PROTECTION NETWORK
LOAD
*
LOAD
*
CLOCK
*
CLEAR
*
PE
TE
P1
P2
P3
VDD
P4
**
*
*
*
*
*
Q4
Q1
Q4
Q1
Q1
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
COUT
CD40160BMS AND CD40162BMS BCD DECADE COUNTERS
Q1
VDD
VSS
CD40160BMS, CD40161BMS, CD40162BMS, CD40163BMS


Similar Part No. - CD40161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40161B NSC-CD40161B Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
logo
Texas Instruments
CD40161B TI-CD40161B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40161B-MIL TI1-CD40161B-MIL Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40161BC NSC-CD40161BC Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
CD40161BCJ NSC-CD40161BCJ Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results

Similar Description - CD40161

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
CD40160B TI-CD40160B Datasheet
552Kb / 13P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
HCC40160B STMICROELECTRONICS-HCC40160B Datasheet
310Kb / 15P
   SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
SN54160 TI-SN54160 Datasheet
756Kb / 23P
[Old version datasheet]   SYNCHRONOUS 4-BIT COUNTERS
logo
National Semiconductor ...
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
   Synchronous 4-Bit Counters
logo
Texas Instruments
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
[Old version datasheet]   Synchronous 4-Bit Counters
logo
Aeroflex Circuit Techno...
UT54ACS163 AEROFLEX-UT54ACS163 Datasheet
255Kb / 10P
   4-Bit Synchronous Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com