Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC210A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC210A
Description  General Purpose DMM Kit
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC210A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC210A Datasheet HTML 1Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 2Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 3Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 4Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 5Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 6Page - List of Unclassifed Manufacturers LC210A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For your nearest distributor, call 800-462-9832 or www.bkprecision.com
91
PR-37AG
PR-150
PR-60
Bandwidth
25MHz (-3dB)
Attenuation Ratio
x10/x100
Accuracy
±2%
Rise Time
14 ns
Input Impedance
4M
Ω/10pF
each side to ground
Input Voltage
Max. Differential
±700V (DC+Peak AC)
Max. Common Mode ±700V (DC+Peak AC)
Output Voltage
Max. Amplitude
±7V (into 2k
Ω load)
Offset (Typical)
≤ ±5mV, -10˚to 40˚ C
Noise (Typical)
1.5 to 2mV
Source Impedance
1
Ω @ 1kHz
8
Ω @ 1MHz
CMRR
50Hz
86 dB
20kHz
66 dB
200kHz
56 dB
Probes
Spring Hooks (B/R)
Length of Input Lines
18" (45cm)
Operating Temperature
14˚ to 104˚F (-10˚ to 40˚C)
Power Requirements
4 x AA Cells
Certification
IEC61010-1 CATIII
Model PR-60
Active Differential Probe
Allows safe and accurate floating measurements
with your standard analog or digital
oscilloscope. Switchable between x10 and
x100 attenuation. Unit includes black and red
probes and yellow protective rubber jacket.
PR-2000
PR-55
Attenuation
x1/x10
x1/x10/REF
x1/x10/REF
x1/x10
x1/x10/REF
x100
x100
x100
x1000
x1000
Input Impedance
R(M
Ω)
1/10
1/10
1/10
1/10
1/10
100
100
50
500
100
C(pF)
46/16
100/15
100/15
45/12
90/14
6.5
5
5
3
1
Bandwidth (MHz)
15/90
6/150
6/150
25/150
10/250
250
200
100
5
50
Voltage (VDC+ACmax)
600
600
600
600
600
1,200
2,000
4,000
15,000
10,000
Compensation (pF)
10..35
10..35
10..35
10..30
10..35
10..35
10..30
10..30
10..30
Cable Length
48" (1.2m)
48" (1.2m)
48" (1.2m)
48" (1.2m)
48" (1.2m)
48" (1.2m)
48" (1.2m)
48" (1.2m)
40" (1.0m)
80" (2.0m)
Body Color
Black
Gray
Red
LtGray
Gray
Black
Red
Red
Red
Yellow
General Purpose Probes
B+K Precision offers a complete line of oscilloscope
probes to enhance the versatility of your unit. Both
fixed attenuation and switchable from 90 to 250 MHz
are available. Each probe includes a full accessory kit
with a Sprung Hook, Replacement Tip and BNC
Adapter.
Models PR-37AG and PR-37AR have
REF position on switch for easy
ground referencing.
All models compliant to IEC61010-2-031
High Voltage Probes
If the voltages you need to measure are above the
specifications of the general purpose probe, B+K
Precision has higher voltage probes for you.
PR-2000 — 2 kV
PR-4000 — 4 kV
PR-55
— 10 kV
PR-15K
— 15 kV
Features
model
PR-60
Specifications
models
PR-33A
PR-37AG
PR-37AR
PR-150
PR-46A
PR-100A PR-2000
PR-4000
PR-15K
PR-55


Similar Part No. - LC210A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC21003B ETC1-LC21003B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21005A ETC1-LC21005A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21006B ETC1-LC21006B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21010A ETC1-LC21010A Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
LC21011B ETC1-LC21011B Datasheet
145Kb / 1P
   INTEGRATED CIRCUITS
More results

Similar Description - LC210A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5543B POMONA-5543B Datasheet
132Kb / 2P
   Electronic DMM Test Lead Kit
5673B POMONA-5673B Datasheet
114Kb / 2P
   Electrical DMM Test Lead Kit
6530A POMONA-6530A Datasheet
64Kb / 1P
   Deluxe Automotive DMM Test Lead Kit
5904A POMONA-5904A Datasheet
144Kb / 2P
   Deluxe Electrical DMM Test Lead kit
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
5900A POMONA-5900A Datasheet
134Kb / 2P
   Basic Industrrial DMM Test Lead Kit
5672A POMONA-5672A Datasheet
87Kb / 2P
   Basic Electronic DMM Test Lead Kit
5901B POMONA-5901B Datasheet
119Kb / 2P
   Electronic Bench DMM Test Lead Kit
5903A POMONA-5903A Datasheet
149Kb / 2P
   Industrial / Automotive DMM Test Lead Kit
logo
Extech Instruments Corp...
MA620-K EXTECH-MA620-K Datasheet
568Kb / 1P
   Industrial DMM/Clamp Meter Test Kit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com