Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5082-H401-E0000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5082-H401-E0000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-H401-E0000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5082-H401-E0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
14.2 mm (0.56 inch)
Seven Segment Displays
Technical Data
Features
• Industry Standard Size
• Industry Standard Pinout
15.24 mm (0.6 in.) DIP Leads
on 2.54 mm (0.1 in.) Centers
• Choice of Colors
AlGaAs Red, High Efficiency
Red, Yellow, Green, Orange
• Excellent Appearance
Evenly Lighted Segments
Mitered Corners on Segments
Gray Package Gives Optimum
Contrast
± 50° Viewing Angle
• Design Flexibility
Common Anode or Common
Cathode
Single and Dual Digits
Right Hand Decimal Point
± 1. Overflow Character
• Categorized for Luminous
Intensity
Yellow and Green Categorized
for Color
Use of Like Categories Yields a
Uniform Display
• High Light Output
• High Peak Current
• Excellent for Long Digit
String Multiplexing
• Intensity and Color
Selection Option
See Intensity and Color
Selected Displays Data Sheet
• Sunlight Viewable AlGaAs
Description
The 14.2 mm (0.56 inch) LED
seven segment displays are
designed for viewing distances up
to 7 metres (23 feet). These
devices use an industry standard
size package and pinout. Both the
numeric and
± 1 overflow devices
feature a right hand decimal
point. All devices are available as
either common anode or common
cathode.
Orange AlGaAs Red
HER
Yellow
Green
Package
HDSP-
HDSP-[1]
HDSP-[1]
HDSP-
HDSP-
Description
Drawing
H401
H151
5501
5701
5601
Common Anode Right Hand Decimal
A
H403
H153
5503
5703
5603
Common Cathode Right Hand Decimal
B
H157
5507
5707
5607
Common Anode
± 1. Overflow
C
H158
5508
5708
5608
Common Cathode
± 1. Overflow
D
K401
5521
5721
5621
Two Digit Common Anode Right Hand Decimal
E
K403
5523
5723
5623
Two Digit Common Cathode Right Hand Decimal
F
Devices
Note:
1. These displays are recommended for high ambient light operation. Please refer to the HDSP-H10X/K12X AlGaAs and HDSP-555X HER
data sheet for low current operation.
HDSP-K40x Series
HDSP-550x Series
HDSP-552x Series
HDSP-560x Series
HDSP-562x Series
HDSP-570x Series
HDSP-572x Series
HDSP-H15x Series
HDSP-H40x Series


Similar Part No. - 5082-H401-E0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-H411-00000 HP-5082-H411-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0B000 HP-5082-H411-0B000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0C000 HP-5082-H411-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0D000 HP-5082-H411-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0E000 HP-5082-H411-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-H401-E0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com