Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40192BMS Datasheet(PDF) 10 Page - Intersil Corporation

Part # CD40192BMS
Description  CMOS Presettable Up/Down Counters (Dual Clock With Reset)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40192BMS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CD40192BMS Datasheet HTML 4Page - Intersil Corporation CD40192BMS Datasheet HTML 5Page - Intersil Corporation CD40192BMS Datasheet HTML 6Page - Intersil Corporation CD40192BMS Datasheet HTML 7Page - Intersil Corporation CD40192BMS Datasheet HTML 8Page - Intersil Corporation CD40192BMS Datasheet HTML 9Page - Intersil Corporation CD40192BMS Datasheet HTML 10Page - Intersil Corporation CD40192BMS Datasheet HTML 11Page - Intersil Corporation CD40192BMS Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
7-1428
CD40192BMS, CD40193BMS
FIGURE 6. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 8. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 9. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
FIGURE 10. DYNAMIC POWER DISSIPATION
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
350
300
250
400
10
30
50
70
90
8
6
4
28
6
4
22
INPUT FREQUENCY (fIN) (kHz)
110
102
103
104
8
6
4
28
6
4
26
4
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
104
103
102
AMBIENT TEMPERATURE (TA) = +25
oC
CL = 15pF
CL = 50pF
8
105
106
105


Similar Part No. - CD40192BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
   CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results

Similar Description - CD40192BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
   CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
September 2002
logo
Texas Instruments
CD40192B TI1-CD40192B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CMOs Presettable Up/Down counters
logo
Intersil Corporation
CD4510BMS INTERSIL-CD4510BMS Datasheet
139Kb / 11P
   CMOS Presettable Up/Down Counters
December 1992
logo
Texas Instruments
CD4510B TI-CD4510B Datasheet
295Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTERS
CD4510B TI1-CD4510B_15 Datasheet
1Mb / 16P
[Old version datasheet]   Cmos Presettable Up/Down Counters
logo
STMicroelectronics
HCC40192B STMICROELECTRONICS-HCC40192B Datasheet
314Kb / 15P
   PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com