Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40208BMS Datasheet(PDF) 10 Page - Intersil Corporation

Part # CD40208BMS
Description  CMOS 4 x 4 Multiport Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40208BMS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CD40208BMS Datasheet HTML 3Page - Intersil Corporation CD40208BMS Datasheet HTML 4Page - Intersil Corporation CD40208BMS Datasheet HTML 5Page - Intersil Corporation CD40208BMS Datasheet HTML 6Page - Intersil Corporation CD40208BMS Datasheet HTML 7Page - Intersil Corporation CD40208BMS Datasheet HTML 8Page - Intersil Corporation CD40208BMS Datasheet HTML 9Page - Intersil Corporation CD40208BMS Datasheet HTML 10Page - Intersil Corporation CD40208BMS Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
7-1440
CD40208BMS
FIGURE 11. POWER-DISSIPATION TEST CIRCUIT AND WAVEFORMS
FIGURE 12. OUTPUT-ENABLE-DELAY-TIMES TEST CIRCUIT AND WAVEFORMS
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
PULSE GEN. 1
PULSE GEN. 2
(fI)
P.G. 1
P.G. 2
P.G. 3
REPETITIVE WAVEFORMS
ID
500
µF
VDD
0.1
µF
CL
CL
CL
PULSE GEN. 3
CL
CL
CL
CL
CL
Qn A, B
CHAR
TEST VOLTAGE
AT D
AT Q
tPHZ
VDD
VSS
tPZH
VDD
VSS
tPLZ
VSS
VDD
tPZL
VSS
VDD
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
PULSE GEN. 1
D
PULSE GEN. 2
TO ANY
OUTPUT
1k
50pF
Q
VDD
10%
90%
10%
90%
50%
50%
tPLZ
tPZL
Q
OUTPUTS
tPHZ
tPZH
VSS
VOH
VOL
VSS
VDD
VDD
ENABLE
CL
P.G. 1
P.G. 2
ENABLE
INPUT


Similar Part No. - CD40208BMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD4020 ETC2-CD4020 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
CD4020B TI-CD4020B Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter / Dividers
CD4020B TI1-CD4020B Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
CD4020B-MIL TI1-CD4020B-MIL Datasheet
1Mb / 22P
[Old version datasheet]   CMOS Ripple-Carry Binary Counter/Drivers
More results

Similar Description - CD40208BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40108BMS INTERSIL-CD40108BMS Datasheet
157Kb / 11P
   CMOS 4 x 4 Multiport Register
December 1992
logo
STMicroelectronics
HCC40208B STMICROELECTRONICS-HCC40208B Datasheet
290Kb / 13P
   4 x 4 MULTIPORT REGISTER
HCC40108B STMICROELECTRONICS-HCC40108B Datasheet
328Kb / 14P
   4 x 4 MULTIPORT REGISTER
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
   4x4 Multiport Register
logo
OKI electronic componet...
MSM514262 OKI-MSM514262 Datasheet
507Kb / 45P
   262,144-Word x 4-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com