Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCFMB75E6 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # PCFMB75E6
Description  竊쀯폊 竊∽펽竊뽳폁竊먲섬
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PCFMB75E6 Datasheet(HTML) 3 Page - National Instruments Corporation

  PCFMB75E6_15 Datasheet HTML 1Page - National Instruments Corporation PCFMB75E6_15 Datasheet HTML 2Page - National Instruments Corporation PCFMB75E6_15 Datasheet HTML 3Page - National Instruments Corporation PCFMB75E6_15 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
00
日本インター株式会社
PCFMB75E6
0
50
100
150
0
0.2
0.4
0.6
0.8
1
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr(V
CE)
tON
VCC=300V
RG=12
VGE=±15V
TC=25°C
Resistive Load
10
30
100
300
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.8- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=75A
VGE=±15V
TC=25°C
Resistive Load
tf
tr(V
CE)
ton
toff
10
30
100
300
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.10- Series Gate Impedance vs. Switching Time
VCC=300V
IC=75A
VGE=±15V
TC=125°C
Inductive Load
tf
tr(I
C)
ton
toff
0
25
50
75
100
125
150
0
2
4
6
8
Collector Current IC (A)
Fig.11- Collector Current vs. Switching Loss
EOFF
EON
VCC=300V
RG=12
VGE=±15V
TC=125°C
Inductive Load
ERR
10
30
100
300
0.3
1
3
10
30
100
Series Gate Impedance RG ( )
Fig.12- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=300V
IC=75A
VGE=±15V
TC=125°C
Inductive Load
ERR
0
25
50
75
100
125
150
0.001
0.01
0.1
1
10
Collector Current IC (A)
Fig.9- Collector Current vs. Switching Time
tOFF
tf
tr(Ic)
tON
VCC=300V
RG=12
VGE=±15V
TC=125°C
Inductive Load


Similar Part No. - PCFMB75E6_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCFMB75E6 NIEC-PCFMB75E6 Datasheet
255Kb / 4P
   IGBT Module-Chopper
More results

Similar Description - PCFMB75E6_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCHMB75E6 NI-PCHMB75E6_15 Datasheet
255Kb / 4P
   竊쀯폊 竊∽펽竊뽳폁竊먲섬
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCFMB50E6 NI-PCFMB50E6_15 Datasheet
254Kb / 4P
   竊뺧폁 竊∽펽竊뽳폁竊먲섬
PBMB50E6 NI-PBMB50E6_15 Datasheet
265Kb / 4P
   竊뺧폁 竊∽펽竊뽳폁竊먲섬
PCHMB50E6 NI-PCHMB50E6_15 Datasheet
254Kb / 4P
   竊뺧폁 竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com