Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7854 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7854
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7854 Datasheet(HTML) 5 Page - Analog Devices

  AD7854_15 Datasheet HTML 1Page - Analog Devices AD7854_15 Datasheet HTML 2Page - Analog Devices AD7854_15 Datasheet HTML 3Page - Analog Devices AD7854_15 Datasheet HTML 4Page - Analog Devices AD7854_15 Datasheet HTML 5Page - Analog Devices AD7854_15 Datasheet HTML 6Page - Analog Devices AD7854_15 Datasheet HTML 7Page - Analog Devices AD7854_15 Datasheet HTML 8Page - Analog Devices AD7854_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7854/AD7854L
REV. B
–5–
ORDERING GUIDE
Linearity
Power
Temperature
Error
Dissipation
Package
Model
Range
1
(LSB)
(mW)
Option
2
AD7854AQ
–40
°C to +85°C
1
15
Q-28
AD7854SQ
–55
°C to +125°C
1
15
Q-28
AD7854AR
–40
°C to +85°C
1
15
R-28
AD7854BR
–40
°C to +85°C
1/2
15
R-28
AD7854ARS
–40
°C to +85°C
1
15
RS-28
AD7854LAQ
3
–40
°C to +85°C
1
5.5
Q-28
AD7854LAR
3
–40
°C to +85°C
1
5.5
R-28
AD7854LARS
3
–40
°C to +85°C
1
5.5
RS-28
EVAL-AD7854CB
4
EVAL-CONTROL BOARD
5
NOTES
1Linearity error refers to the integral linearity error.
2Q = Cerdip; R = SOIC; RS = SSOP.
3L signifies the low power version.
4This can be used as a stand-alone evaluation board or in conjunction with the EVAL-CONTROL BOARD for
evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards
ending in the CB designator. For more information on Analog Devices products and evaluation boards visit our
World Wide Web home page at http://www.analog.com.
TO
OUTPUT
PIN
+2.1V
IOH
1.6mA
200µA
IOL
CL
50pF
Figure 1. Load Circuit for Digital Output Timing
Specifications
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Commercial (S Version) . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Cerdip Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, (Soldering, 10 secs) . . . . . . . . . +300
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . 75
°C/W (SOIC) 115°C/W (SSOP)
θJC Thermal Impedance . . . 25°C/W (SOIC) 35°C/W (SSOP)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latchup.
PIN CONFIGURATION
FOR DIP, SOIC AND SSOP
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
17
16
15
20
19
18
28
27
26
25
24
23
22
21
AD7854
CONVST
DB10
DB11
CLKIN
BUSY
WR
RD
CS
DVDD
DGND
DB9
REFIN/REFOUT
AVDD
AGND
CREF1
CREF2
AIN(+)
DB6
DB7
DB8
AIN(–)
HBEN
DB0
DB1
DB5
DB2
DB3
DB4


Similar Part No. - AD7854_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7854AQ AD-AD7854AQ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854AQ AD-AD7854AQ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854AR AD-AD7854AR Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854AR AD-AD7854AR Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARS AD-AD7854ARS Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results

Similar Description - AD7854_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859APZ AD-AD7859APZ Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com