Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7849BR Datasheet(PDF) 6 Page - Analog Devices

Part # AD7849BR
Description  Serial Input, 14-Bit/16-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7849BR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7849BR Datasheet HTML 2Page - Analog Devices AD7849BR Datasheet HTML 3Page - Analog Devices AD7849BR Datasheet HTML 4Page - Analog Devices AD7849BR Datasheet HTML 5Page - Analog Devices AD7849BR Datasheet HTML 6Page - Analog Devices AD7849BR Datasheet HTML 7Page - Analog Devices AD7849BR Datasheet HTML 8Page - Analog Devices AD7849BR Datasheet HTML 9Page - Analog Devices AD7849BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7849
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VDD to DGND
−0.4 V to +17 V
VCC to DGND1
−0.4 V, VDD + 0.4 V or
+7 V (whichever is
lower)
VSS to DGND
−0.4 V to −17 V
VREF+ to DGND
VDD + 0.4 V, VSS − 0.4 V
VREF− to DGND
VDD + 0.4 V, VSS − 0.4 V
VOUT to DGND2
VDD + 0.4 V, VSS − 0.4 V
or ±10 V (whichever is
lower)
ROFS to DGND
VDD + 0.4 V, VSS − 0.4 V
Digital Input Voltage to DGND
−0.4 V to VCC + 0.4 V
Input Current to any Pin Except Supplies3
±10 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
20-Lead PDIP
Power Dissipation
875 mW
θJA Thermal Impedance
102°C/W
Lead Temperature (Soldering, 10 sec)
260°C
20-Lead SOIC
Power Dissipation
875 mW
θJA Thermal Impedance
74°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 VCC must not exceed VDD by more than 0.4 V. If it is possible for this to
happen during power-up or power-down (for example, if VCC is greater than
0.4 V while VDD is still 0 V), the following diode protection scheme ensures
protection.
SD103C
1N5711
1N5712
1N4148
VDD
VCC
VDD
VCC
AD7849
2 VOUT can be shorted to DGND, + 10 V, − 10 V, provided that the power
dissipation of the package is not exceeded.
3 Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - AD7849BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BR-REEL AD-AD7849BR-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BRZ AD-AD7849BRZ Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BRZ-REEL AD-AD7849BRZ-REEL Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results

Similar Description - AD7849BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com