Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1025-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB1025-HF
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB1025-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB1025-HF_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB1025-HF_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SB1025-HF_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
0
50
100
150
Ambient Temperature Ta (。C)
Maximum Collector Dissipation Curve
1.2
0.8
0.4
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
0
–2
–4
–6
–8
–10
–1.0
–0.8
–0.6
–0.2
–0.4
IB = 0
–0.5 mA
–1
–2
–5
–10
–20
–30
–40
–60
–80
–100
–120
Typical Output Characteristics
–1
–2
–5
–10
–20
–50
–100
–200
–500
Base to Emitter Voltage VBE (V)
–0.2 –0.4
0
–0.6 –0.8 –1.0
VCE = –5 V
Pulse
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–1
–3
–10 –30 –100 –300 –1,000
0
100
200
300
400
500
600
Ta = 75 C
25
–25
VCE = –5 V
Pulse
Gain Bandwidth Product vs.
Collector Current
100
200
300
Collector Current IC (mA)
–10
–30
–100
–300
–1,000
VCE = –5 V
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
2
5
10
20
50
100
200
–1
–2
–5 –10 –20
–50 –100
f = 1 MHz
IE = 0
PNP Transistors
2SB1025-HF


Similar Part No. - 2SB1025-HF_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1025-H KEXIN-2SB1025-H Datasheet
953Kb / 3P
   PNP Transistors
More results

Similar Description - 2SB1025-HF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com